Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2100DBVT Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2100DBVT
Description  VAUX POWER-DISTRIBUTION SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2100DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS2100DBVT Datasheet HTML 1Page - Texas Instruments TPS2100DBVT Datasheet HTML 2Page - Texas Instruments TPS2100DBVT Datasheet HTML 3Page - Texas Instruments TPS2100DBVT Datasheet HTML 4Page - Texas Instruments TPS2100DBVT Datasheet HTML 5Page - Texas Instruments TPS2100DBVT Datasheet HTML 6Page - Texas Instruments TPS2100DBVT Datasheet HTML 7Page - Texas Instruments TPS2100DBVT Datasheet HTML 8Page - Texas Instruments TPS2100DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TPS2100, TPS2101
VAUX POWER-DISTRIBUTION SWITCHES
SLVS197D – JUNE 1999 – REVISED JUNE 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
enable
The logic enable will turn on the IN2-OUT power switch when a logic high is present on EN (TPS2100) or logic
low is present on EN (TPS2101). A logic low input on EN (TPS2100) or logic high on EN (TPS2101) restores
bias to the drive and control circuits and turns on the IN1-OUT power switch. The enable input is compatible
with both TTL and CMOS logic levels.
the VAUX application for CardBus controllers
The PC Card specification requires the support of VAUX to the CardBus controller as well as to the PC Card
sockets. Both are 3.3-V requirements; however the CardBus controller’s current demand from the VAUX supply
is limited to 10
µA, whereas the PC Card may consume as much as 200 mA. In either implementation, if support
of a wake-up event is required, the controller and the socket will transition from the 3.3-V VCC rail to the 3.3-V
VAUX rail when the equipment moves into a low power mode such as D3. The transition from VCC to VAUX needs
to be seamless in order to maintain all memory and register information in the system. If VAUX is not supported,
the system will lose all register information when it transitions to the D3 state.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Input voltage range, VI(IN1) (see Note1)
– 0.3 V to 5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI(IN2) (see Note1)
– 0.3 V to 5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI at EN or EN
– 0.3 V to 5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
– 0.3 V to 5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO(IN1)
700 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO(IN2)
70 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See dissipation rating table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge (ESD) protection: Human body model
2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Machine model
200 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Charged device model (CDM)
750 V
. . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to GND.
DISSIPATION RATING TABLE
PACKAGE
TA < 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DBV
309 mW
3.1 mW/
°C
170 mW
123 mW
D
568 mW
5.7 mW/
°C
313 mW
227 mW
recommended operating conditions
MIN
MAX
UNIT
Input voltage, VI(INx)
2.7
4
V
Input voltage, VI at EN and EN
0
4
V
Continuous output current, IO(IN1)
500
mA
Continuous output current, IO(IN2)
10‡
mA
Operating virtual junction temperature, TJ
–40
85
°C
‡ The device can deliver up to 220 mA at IO(IN2). However, operation at the higher current levels will result in greater voltage drop across the device,
and greater voltage droop when switching between IN1 and IN2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com