Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2RI150E Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 2RI150E
Description  POWER DIODE MODULE 600V,800V / 150A 2 in one-package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

2RI150E Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  2RI150E Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 2RI150E Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007
年3
月
保守廃止予定機種
This
product
is scheduled
be
obsolete
on
march
2007.
Not
recommend
for
new
design.
Characteristics
Forward Characteristics
Forward voltage : VF [V]
Forward Average Current : IF [V]
400
300
200
100
0
0
0.6
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
120
140 150
0
20
40
60
80
100
120
140
0.02
0.04
0.1
0.2
0.4
0.6
0.8 1.0
3500
3000
2500
2000
1500
1000
500
0
time : t [sec.]
0.15
130
120
110
100
90
80
70
10-3
10-2
10-1
100
101
220
200
180
160
140
120
100
80
60
40
20
0
2RI150E(2x150A)
POWER DIODE MODULE
Forward Average Current vs. Power Loss
Forward Average Current vs. Case Temperature
Surge Current
Transient Thermal Impedance
Forward Average Current : IF [V]
time : t [sec.]
0.10
0
0.05



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com