Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT573A Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74VHCT573A
Description  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT573A Datasheet(HTML) 4 Page - STMicroelectronics

  74VHCT573A Datasheet HTML 1Page - STMicroelectronics 74VHCT573A Datasheet HTML 2Page - STMicroelectronics 74VHCT573A Datasheet HTML 3Page - STMicroelectronics 74VHCT573A Datasheet HTML 4Page - STMicroelectronics 74VHCT573A Datasheet HTML 5Page - STMicroelectronics 74VHCT573A Datasheet HTML 6Page - STMicroelectronics 74VHCT573A Datasheet HTML 7Page - STMicroelectronics 74VHCT573A Datasheet HTML 8Page - STMicroelectronics 74VHCT573A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DC SPECIFICATIONS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
VIH
High Level Input
Voltage
4.5 to 5.5
2
2
V
VIL
Low Level Input
Voltage
4.5 to 5.5
0.8
0.8
V
VOH
High Level Output
Voltage
4.5
IO=-50
µA
4.4
4.5
4.4
V
4.5
IO=-8 mA
3.94
3.8
VOL
Low Level Output
Voltage
4.5
IO=50
µA
0.0
0.1
0.1
V
4.5
IO=8 mA
0.36
0.44
IOZ
High Impedance
Output Leakage
Current
4.5 to 5.5
VI =VIH or VIL
VO = 0V to 5.5V
±0.25
±2.5
µA
II
Input Leakage Current
0 to 5.5
VI = 5.5V or GND
±0.1
±1.0
µA
ICC
Quiescent Supply
Current
5.5
VI =VCC or GND
4
40
µA
∆ICC
Additional Worst Case
Supply Current
5.5
One Input at 3.4V,
other input at VCC or
GND
1.35
1.5
mA
IOPD
Output Leakage
Current
0VOUT = 5.5V
0.5
5.0
µA
AC ELECTRICAL CHARACTERISTICS (Input tr =tf =3 ns)
Symb ol
Parameter
Test Co nditi on
Val ue
Un it
VCC
(V)
CL
(pF )
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
tPLH
tPHL
Propagation Delay
Time LE to Q
5.0
(*)
15
5.3
7.5
1.0
9.0
ns
5.0
(*)
50
5.9
8.5
1.0
10.0
tPLH
tPHL
Propagation Delay
Time D to Q
5.0
(*)
15
5.4
7.0
1.0
9.0
ns
5.0
(*)
50
6.4
8.0
1.0
10.0
tPZL
tPZH
Output EnableTime
5.0
(*)
15
RL =1K
Ω
5.4
7.5
1.0
10.0
ns
5.0
(*)
50
6.0
8.5
1.0
11.0
tPLZ
tPHZ
Output Disable Time
5.0
(*)
50
RL =1K
Ω
6.3
9.0
1.0
12.0
ns
tw
Pulse Width (LE)
HIGH
5.0
(*)
5.0
5.0
ns
ts
Setup Time D to LE
HIGH or LOW
5.0
(*)
2.0
2.0
ns
th
Hold Time D toLE
HIGH or LOW
5.0
(*)
1.5
1.5
ns
tOSLH
tOSHL
Output to Output Skew
Time (note 1)
5.0
(*)
50
1.0
1.0
ns
(*) Voltage range is 5V
± 0.5V
Note 1: Parameter guaranteed by design. tsoLH =|tpLHm-tpLHn|, tsoHL =|tpHLm -tpHLn|
74VHCT573A
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com