Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT574A Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74VHCT574A
Description  OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT574A Datasheet(HTML) 2 Page - STMicroelectronics

  74VHCT574A Datasheet HTML 1Page - STMicroelectronics 74VHCT574A Datasheet HTML 2Page - STMicroelectronics 74VHCT574A Datasheet HTML 3Page - STMicroelectronics 74VHCT574A Datasheet HTML 4Page - STMicroelectronics 74VHCT574A Datasheet HTML 5Page - STMicroelectronics 74VHCT574A Datasheet HTML 6Page - STMicroelectronics 74VHCT574A Datasheet HTML 7Page - STMicroelectronics 74VHCT574A Datasheet HTML 8Page - STMicroelectronics 74VHCT574A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
PI N No
SYMBOL
NAME AND FUNCT ION
1
OE
3 State Output Enable
Input (Active LOW)
2, 3, 4,
5, 6, 7,
8, 9
D0 to D7
Data Inputs
12, 13, 14,
15, 16, 17,
18, 19
Q0 to Q7
3 State Outputs
11
CLOCK
Clock Input (LOW to
HIGH, edge triggered)
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
TRUTH TABLE
INPUTS
OUT PUTS
OE
CK
D
Q
H
XXZ
L
X
NO CHANGE
LL
L
LH
H
X:Don’t Care
Z: High Impedance
LOGIC DIAGRAM
74VHCT574A
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com