Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT574AM Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHCT574AM
Description  OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT574AM Datasheet(HTML) 1 Page - STMicroelectronics

  74VHCT574AM Datasheet HTML 1Page - STMicroelectronics 74VHCT574AM Datasheet HTML 2Page - STMicroelectronics 74VHCT574AM Datasheet HTML 3Page - STMicroelectronics 74VHCT574AM Datasheet HTML 4Page - STMicroelectronics 74VHCT574AM Datasheet HTML 5Page - STMicroelectronics 74VHCT574AM Datasheet HTML 6Page - STMicroelectronics 74VHCT574AM Datasheet HTML 7Page - STMicroelectronics 74VHCT574AM Datasheet HTML 8Page - STMicroelectronics 74VHCT574AM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
74VHCT574A
OCTAL D-TYPE FLIP FLOP
WITH 3 STATE OUTPUT NON INVERTING
August 1999
s
HIGH SPEED:
fMAX = 180 MHz (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =4
µA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS:
VIH =2V (MIN), VIL = 0.8V (MAX)
s
POWER DOWN PROTECTION ON INPUTS &
OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 574
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE VOLP = 0.9V (Max.)
DESCRIPTION
The 74VHCT574A is an advanced high-speed
CMOS OCTAL D-TYPE FLIP FLOP with 3
STATE OUTPUT NON INVERTING fabricated
with sub-micron silicon gate and double-layer
metal wiring C
2MOS technology.
This 8 bit D-Type flip-flop is controlled by a clock
input (CK) and an output enable input (OE).
On the positive transition of the clock, the Q
outputs will be set to logic states that were setup
at the D inputs.
While the OE input is low, the 8 outputs will be in
a normal logic state (high or low logic level) and,
while high level, the outputs will be in a high
impedance state.
The output control does not affect the internal
operation of flip flop; that is, the old data can be
retained or the new data can be entered even
while the outputs are off.
Power down protection is provided on all inputs
and outputs and 0 to 7V can be accepted on
inputs with no regard to the supply voltage. This
device can be used to interface 5V to 3V.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
74VHCT574AM
74VHCT574AT
M
(Micro Package)
T
(TSSOP Package)
®
1/10


Similar Part No. - 74VHCT574AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHCT574AM FAIRCHILD-74VHCT574AM Datasheet
105Kb / 8P
Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74VHCT574AM ONSEMI-74VHCT574AM Datasheet
213Kb / 10P
Octal D-Type Flip-Flop with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74VHCT574AMTC FAIRCHILD-74VHCT574AMTC Datasheet
105Kb / 8P
Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74VHCT574AMTC ONSEMI-74VHCT574AMTC Datasheet
213Kb / 10P
Octal D-Type Flip-Flop with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74VHCT574AMTCX FAIRCHILD-74VHCT574AMTCX Datasheet
105Kb / 8P
Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74VHCT574AM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC374 STMICROELECTRONICS-74AC374 Datasheet
238Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74AC574 STMICROELECTRONICS-74AC574 Datasheet
248Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74ACT374 STMICROELECTRONICS-74ACT374 Datasheet
90Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-1997
74ACT574 STMICROELECTRONICS-74ACT574 Datasheet
77Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Feb-2000
74VHC374 STMICROELECTRONICS-74VHC374 Datasheet
75Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Jun-1999
74VHC574 STMICROELECTRONICS-74VHC574 Datasheet
75Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Jun-1999
74VHCT374A STMICROELECTRONICS-74VHCT374A Datasheet
73Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Feb-2000
logo
Toshiba Semiconductor
TC74HC564AP TOSHIBA-TC74HC564AP Datasheet
267Kb / 6P
OCTAL D -TYPE FLIP-FLOP WITH 3-STATE OUTPUT. INVERTING, NON INVERTING
logo
STMicroelectronics
M74HC574 STMICROELECTRONICS-M74HC574 Datasheet
238Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M74HCT374 STMICROELECTRONICS-M74HCT374 Datasheet
233Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com