Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08060CIMTX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # ADC08060CIMTX/NOPB
Description  ADC08060 8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand- Hold
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08060CIMTX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  ADC08060CIMTX/NOPB Datasheet HTML 1Page - Texas Instruments ADC08060CIMTX/NOPB Datasheet HTML 2Page - Texas Instruments ADC08060CIMTX/NOPB Datasheet HTML 3Page - Texas Instruments ADC08060CIMTX/NOPB Datasheet HTML 4Page - Texas Instruments ADC08060CIMTX/NOPB Datasheet HTML 5Page - Texas Instruments ADC08060CIMTX/NOPB Datasheet HTML 6Page - Texas Instruments ADC08060CIMTX/NOPB Datasheet HTML 7Page - Texas Instruments ADC08060CIMTX/NOPB Datasheet HTML 8Page - Texas Instruments ADC08060CIMTX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
VRT
VRM
25
6
1
SWITCHES
CLOCK
GEN
COARSE/FINE
COMPARATORS
ENCODER
& ERROR
CORRECTION
1
7
CL
K
1
7
COARSE/FINE
COMPARATORS
ENCODER
& ERROR
CORRECTION
1
7
VA
(pin
18)
AGN
D
VIN
8
8
OUTPUT
DRIVERS
MUX
8
8
DAT
A
OU
T
P
D
DR VD
DR
GND
(pin 17)
VRB
VIN GND
ADC08060
SNAS120H – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Block Diagram
Pin Configuration
Figure 1. 24-Lead TSSOP
See PW Package
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC08060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com