Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12C080CISQ/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # ADC12C080CISQ/NOPB
Description  ADC12C080 12-Bit, 65/80 MSPS A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12C080CISQ/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC12C080CISQ/NOPB Datasheet HTML 3Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 4Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 5Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 6Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 7Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 8Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 9Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 10Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
VA
AGND
To Internal Circuitry
I/O
ADC12C080
www.ti.com
SNAS379C – SEPTEMBER 2006 – REVISED APRIL 2013
ADC12C080 Dynamic Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = +3.0V, VDR = +2.5V, Internal VREF
= +1.2V, fCLK = 80 MHz, 50% Duty Cycle, DCS Disabled, VCM = VCMO, CL = 5 pF/pin, . Typical values are for TA = 25°C.
Boldface limits apply for TMIN ≤ TA ≤ TMAX. All other limits apply for TA = 25°C
(1) (2)
Typical
Units
Symbol
Parameter
Conditions
Limits
(3)
(Limits) (4)
DYNAMIC CONVERTER CHARACTERISTICS, AIN= -1dBFS
FPBW
Full Power Bandwidth
-1 dBFS Input,
−3 dB Corner
1.0
GHz
fIN = 10 MHz
71.2
dBFS
SNR
Signal-to-Noise Ratio
fIN = 70 MHz
70.5
dBFS
fIN = 170 MHz
68.5
67.8
dBFS
fIN = 10 MHz
90
dBFS
SFDR
Spurious Free Dynamic Range
fIN = 70 MHz
88
dBFS
fIN = 170 MHz
86
82
dBFS
fIN = 10 MHz
11.5
Bits
ENOB
Effective Number of Bits
fIN = 70 MHz
11.3
Bits
fIN = 170 MHz
11.1
10.9
Bits
fIN = 10 MHz
−88
dBFS
THD
Total Harmonic Disortion
fIN = 70 MHz
−86
dBFS
fIN = 170 MHz
−85
-80.5
dBFS
fIN = 10 MHz
−95
dBFS
H2
Second Harmonic Distortion
fIN = 70 MHz
−90
dBFS
fIN = 170 MHz
−86
-82
dBFS
fIN = 10 MHz
−90
dBFS
H3
Third Harmonic Distortion
fIN = 70 MHz
−88
dBFS
fIN = 170 MHz
−86
-82
dBFS
fIN = 10 MHz
71.1
dBFS
SINAD
Signal-to-Noise and Distortion Ratio
fIN = 70 MHz
70
dBFS
fIN = 170 MHz
68.5
67.6
dBFS
IMD
Intermodulation Distortion
fIN = 19.5MHz and 20.5MHz, each -7dBFS
-82
dBFS
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Note 4 under Absolute Maximum Ratings. However, errors in the A/D conversion can occur if the input goes above
2.6V or below GND as described in the Operating Ratings section.
(2)
With a full scale differential input of 2VP-P , the 12-bit LSB is 488 µV.
(3)
Typical figures are at TA = 25°C and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
(4)
Parameters specified in dBFS indicate the value that would be attained with a full-scale input signal.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC12C080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com