Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC082S021 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC082S021
Description  ADC122S021 2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC082S021 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC082S021 Datasheet HTML 9Page - Texas Instruments ADC082S021 Datasheet HTML 10Page - Texas Instruments ADC082S021 Datasheet HTML 11Page - Texas Instruments ADC082S021 Datasheet HTML 12Page - Texas Instruments ADC082S021 Datasheet HTML 13Page - Texas Instruments ADC082S021 Datasheet HTML 14Page - Texas Instruments ADC082S021 Datasheet HTML 15Page - Texas Instruments ADC082S021 Datasheet HTML 16Page - Texas Instruments ADC082S021 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADC122S021
www.ti.com
SNAS280D – MARCH 2005 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
TA = +25°C, fSAMPLE = 50 ksps to 200 ksps, fSCLK = 0.8 MHz to 3.2 MHz, fIN = 39.9 kHz unless otherwise stated.
SFDR
SINAD
vs.
vs.
Clock Frequency
Clock Frequency
Figure 29.
Figure 30.
SFDR
SINAD
vs.
vs.
Clock Duty Cycle
Clock Duty Cycle
Figure 31.
Figure 32.
SFDR
SINAD
vs.
vs.
Input Frequency
Input Frequency
Figure 33.
Figure 34.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC122S021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com