Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12DL080 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADC12DL080
Description  ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL080 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC12DL080 Datasheet HTML 4Page - Texas Instruments ADC12DL080 Datasheet HTML 5Page - Texas Instruments ADC12DL080 Datasheet HTML 6Page - Texas Instruments ADC12DL080 Datasheet HTML 7Page - Texas Instruments ADC12DL080 Datasheet HTML 8Page - Texas Instruments ADC12DL080 Datasheet HTML 9Page - Texas Instruments ADC12DL080 Datasheet HTML 10Page - Texas Instruments ADC12DL080 Datasheet HTML 11Page - Texas Instruments ADC12DL080 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
ADC12DL080
SNAS345A – FEBRUARY 2006 – REVISED APRIL 2013
www.ti.com
Converter Electrical Characteristics
(1) (2) (3)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V, VDR =
+2.5V, PD = 0V, External VREF = +1.0V, fCLK = 80 MHz, fIN = 40 MHz, CL = 10 pF/pin, Duty Cycle Stabilizer On. Boldface
limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
Units
Parameter
Test Conditions
Typical(4)
Limits(4)
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits (min)
INL
Integral Non Linearity(5)
fIN = 0, Best Fit Method
±0.9
±3.5
LSB (max)
DNL
Differential Non Linearity
fIN = 0
±0.4
±1.0
LSB (max)
PGE
Positive Gain Error
±0.3
±3.5
%FS (max)
NGE
Negative Gain Error
±0.3
±3.5
%FS (max)
TC GE
Gain Error Tempco
−40°C ≤ TA ≤ +85°C
10
ppm/°C
+0.75
%FS (max)
VOFF
Offset Error (VIN+ = VIN−)
-0.2
-1.1
%FS (min)
TC VOFF
Offset Error Tempco
−40°C ≤ TA ≤ +85°C
16
ppm/°C
Under Range Output Code
0
0
Over Range Output Code
4095
4095
REFERENCE AND ANALOG INPUT CHARACTERISTICS
1.0
V (min)
VCM
Common Mode Input Voltage
1.5
2.0
V (max)
VRMA,
Reference Output Voltage
1.5
V
VRMB
(CLK LOW)
8
pF
CIN
VIN Input Capacitance (each pin to GND)
VIN = 1.5 Vdc ±0.5V
(CLK HIGH)
7
pF
0.8
V (min)
VREF
External Reference Voltage(6)
1.00
1.2
V (max)
Reference Input Resistance
1
M
Ω (min)
DYNAMIC CONVERTER CHARACTERISTICS
FPBW
Full Power Bandwidth
0 dBFS Input, Output at
−3 dB
600
MHz
fIN = 40 MHz, VIN = −1 dBFS
69.3
67
dBFS (min)
SNR
Signal-to-Noise Ratio(7)
fIN = 200 MHz, VIN = −1 dBFS
67
dBFS
fIN = 40 MHz, VIN = −1 dBFS
69
66.5
dBFS (min)
SINAD
Signal-to-Noise and Distortion(7)
fIN = 200 MHz, VIN = −1 dBFS
66.5
dBFS
fIN = 40 MHz, VIN = −1 dBFS
11
10.75
Bits (min)
ENOB
Effective Number of Bits(7)
fIN = 200 MHz, VIN = −1 dBFS
10.75
Bits
fIN = 40 MHz, VIN = −1 dBFS
−80
-71
dBc (min)
THD
Total Harmonic Distortion
fIN = 200 MHz, VIN = −1 dBFS
−76.8
dBc
fIN = 40 MHz, VIN = −1 dBFS
−85
-73
dBc (min)
H2
Second Harmonic Distortion
fIN = 200 MHz, VIN = −1 dBFS
−84
dBc
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Note 4 of the Absolute Maximum Ratings Table. However, errors in the A/D conversion can occur if the input goes
above VA or below GND by more than 100 mV. As an example, if VA is +3.3V, the full-scale input voltage must be ≤+3.4V to ensure
accurate conversions. See Figure 2.
(2)
To ensure accuracy, it is required that |VA–VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(3)
With the test condition for VREF = +1.0V (2VP-P differential input), the 12-bit LSB is 488 µV.
(4)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are to AOQL (Average Outgoing Quality Level).
(5)
Integral Non Linearity is defined as the deviation of the analog value, expressed in LSBs, from the straight line that passes through
positive and negative full-scale.
(6)
Optimum performance will be obtained by keeping the reference input in the 0.8V to 1.2V range. The LM4051CIM3-ADJ (SOT-23
package) is recommended for external reference applications.
(7)
This parameter is specified in units of dBFS - indicating the equivalent value that would be attained with a full-scale input signal
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DL080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com