Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14155LCVAL Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC14155LCVAL
Description  ADC14155QML-SP, radiation hardened, 14-Bit, 155-MSPS, 1.1-GHz bandwidth A/D
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14155LCVAL Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC14155LCVAL Datasheet HTML 7Page - Texas Instruments ADC14155LCVAL Datasheet HTML 8Page - Texas Instruments ADC14155LCVAL Datasheet HTML 9Page - Texas Instruments ADC14155LCVAL Datasheet HTML 10Page - Texas Instruments ADC14155LCVAL Datasheet HTML 11Page - Texas Instruments ADC14155LCVAL Datasheet HTML 12Page - Texas Instruments ADC14155LCVAL Datasheet HTML 13Page - Texas Instruments ADC14155LCVAL Datasheet HTML 14Page - Texas Instruments ADC14155LCVAL Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
V
A
AGND
To Internal Circuitry
I/O
11
ADC14155QML-SP
www.ti.com
SNAS378L – NOVEMBER 2008 – REVISED FEBRUARY 2019
Product Folder Links: ADC14155QML-SP
Submit Documentation Feedback
Copyright © 2008–2019, Texas Instruments Incorporated
(1)
Pre and post irradiation limits are identical to those listed in the Electrical Characteristics tables. Radiation testing is performed per MIL-
STD-883, Test Method 1019.
(2)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Note 5. However, errors in the A/D conversion can occur if the input goes above 2.6 V or below GND as described
in the Recommended Operating Conditions section.
(3)
To ensure accuracy, it is required that |VA – VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(4)
With the test condition for VREF = 1 V (2-VP-P differential input), the 14-bit LSB is 122.1 µV.
(5)
When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND, or VIN > VA), the current at that pin should be
limited to ±5 mA. The ±50 mA maximum package input current rating limits the number of pins that can safely exceed the power
supplies with an input current of ±5 mA to 10.
(6)
Typical figures are at TA = 25°C and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
(7)
Specified by design.
(8)
Specified by characterization.
6.8 ADC14155 Converter Electrical Characteristics (Continued) Timing and AC
Characteristics
(1)
Unless otherwise specified, the following specifications apply: AGND = DGND = DRGND = 0 V, VA = VD = 3.3 V, VDR = 1.8 V,
Internal VREF = 1 V, fCLK = 155 MHz, VCM = VRM, CL = 5 pF/pin, Differential Analog Input, Single-Ended Clock Mode, Offset
Binary Format. Typical values are for TA = 25°C. Timing measurements are taken at 50% of the signal amplitude. Boldface
limits apply for TMIN ≤ TA ≤ TMAX. All other limits apply for TA = 25°C
(2) (3) (4) (5)
PARAMETER
TEST CONDITIONS
NOTES
TYP(6)
MIN
MAX
UNITS
SUB-
GROUPS
Maximum clock frequency
155
MHz
[7, 8A, 8B]
Minimum clock frequency
5
MHz
Clock high time
3.0
ns
Clock low time
3.0
ns
Conversion latency
See(7)
8
Clock
cycles
[4, 5, 6]
tOD
Output delay of CLK to
DATA
Relative to falling edge of CLK
2.0
ns
tSU
Data output setup time
Relative to DRDY
See(8)
2.1
1.22
ns
tH
Data output hold time
Relative to DRDY
See(8)
2.1
1.83
ns
tAD
Aperture delay
0.5
ns
tAJ
Aperture jitter
0.08
ps rms
Power down recovery time
0.1 µF to GND on pins 43, 44;
10 µF and 0.1 µF between
pins 43, 44; 0.1 µF and 10 µF
to GND on pins 47, 48
3.0
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com