Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14155HCVAL Datasheet(PDF) 16 Page - Texas Instruments

Part # ADC14155HCVAL
Description  ADC14155QML-SP, radiation hardened, 14-Bit, 155-MSPS, 1.1-GHz bandwidth A/D
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14155HCVAL Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADC14155HCVAL Datasheet HTML 12Page - Texas Instruments ADC14155HCVAL Datasheet HTML 13Page - Texas Instruments ADC14155HCVAL Datasheet HTML 14Page - Texas Instruments ADC14155HCVAL Datasheet HTML 15Page - Texas Instruments ADC14155HCVAL Datasheet HTML 16Page - Texas Instruments ADC14155HCVAL Datasheet HTML 17Page - Texas Instruments ADC14155HCVAL Datasheet HTML 18Page - Texas Instruments ADC14155HCVAL Datasheet HTML 19Page - Texas Instruments ADC14155HCVAL Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
16
ADC14155QML-SP
SNAS378L – NOVEMBER 2008 – REVISED FEBRUARY 2019
www.ti.com
Product Folder Links: ADC14155QML-SP
Submit Documentation Feedback
Copyright © 2008–2019, Texas Instruments Incorporated
Typical Performance Characteristics, Dynamic Performance (continued)
Unless otherwise specified, the following specifications apply: AGND = DGND = DRGND = 0 V, VA = VD = 3.3 V, VDR = 1.8 V,
Internal VREF = 1 V, fCLK = 155 MHz, VCM = VRM, CL = 5 pF/pin, Differential Analog Input, Single-Ended Clock Mode, Offset
Binary Format. Typical values are for TA = 25°C
Figure 11. SNR, SINAD, SFDR vs VDR
Figure 12. Distortion vs VDR
Figure 13. SNR, SINAD, SFDR vs VREF
Figure 14. Distortion vs VREF
Figure 15. SNR, SINAD, SFDR vs Temperature
Figure 16. Distortion vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com