Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1242IPWR Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS1242IPWR
Description  24-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1242IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1242IPWR Datasheet HTML 17Page - Texas Instruments ADS1242IPWR Datasheet HTML 18Page - Texas Instruments ADS1242IPWR Datasheet HTML 19Page - Texas Instruments ADS1242IPWR Datasheet HTML 20Page - Texas Instruments ADS1242IPWR Datasheet HTML 21Page - Texas Instruments ADS1242IPWR Datasheet HTML 22Page - Texas Instruments ADS1242IPWR Datasheet HTML 23Page - Texas Instruments ADS1242IPWR Datasheet HTML 24Page - Texas Instruments ADS1242IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
ADS1242, 1243
21
SBAS235H
www.ti.com
APPLICATION EXAMPLES
GENERAL-PURPOSE WEIGHT SCALE
Figure 8 shows a typical schematic of a general-purpose
weight scale application using the ADS1242.
In this ex-
ample, the internal PGA is set to either 64 or 128 (depending
on the maximum output voltage of the load cell) so that the
ADS1242
V
REF+
DRDY
SCLK
D
OUT
D
OUT
CS
X
IN
V
DD
GND
A
IN0
V
DD
2.7V ~ 5.25V
GND
MCLK
A
IN1
EMI Filter
Load Cell
MSP430x4xx
or other
Microprocessor
V
REF–
SPI
X
OUT
EMI Filter
EMI Filter
EMI Filter
load cell output can be directly applied to the differential
inputs of ADS1242.
HIGH PRECISION WEIGHT SCALE
Figure 9 shows the typical schematic of a high-precision
weight scale application using the ADS1242. The front-end
differential amplifier helps maximize the dynamic range.
ADS1242
ADS1243
V
REF+
DRDY
SCLK
D
OUT
D
IN
CS
X
IN
V
DD
GND
A
IN0
V
DD
2.7V ~ 5.25V
GND
MCLK
A
IN1
EMI Filter
EMI Filter
Load Cell
OPA2335
G = 1 + 2 • R
F/RG
MSP430x4xx
or other
Microprocessor
V
REF–
SPI
X
OUT
2.7V ~ 5.25V
EMI Filter
EMI Filter
OPA2335
R
F
C
I
R
G
R
F
R
I
R
I
FIGURE 8. Schematic of a General-Purpose Weight Scale.
FIGURE 9. Block Diagram for a High-Precision Weight Scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com