Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5270IPFPT.A Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS5270IPFPT.A
Description  8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5270IPFPT.A Datasheet(HTML) 4 Page - Texas Instruments

  ADS5270IPFPT.A Datasheet HTML 1Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 2Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 3Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 4Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 5Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 6Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 7Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 8Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ELECTRICAL CHARACTERISTICS
ADS5270
SBAS293F – JANUARY 2004 – REVISED JANUARY 2009............................................................................................................................................... www.ti.com
TMIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, clock frequency = maximum specified, 50% clock duty
cycle, AVDD = 3.3V, LVDD = 3.3V, –1dBFS, ISET = 56.2kΩ, internal voltage reference, and LVDS buffer current at 3.5mA per
channel, unless otherwise noted.
ADS5270
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
No Missing Codes
Tested
DNL Differential Nonlinearity
fIN = 5MHz
–0.9
±0.5
+0.9
LSB
INL Integral Nonlinearity
fIN = 5MHz
–2.0
±0.6
+2.0
LSB
Offset Error(1)
–0.75
+0.75
%FS
Offset Temperature Coefficient
±6
ppm/°C
Fixed Attenuation in Channel(2)
1.5
%FS
Fixed Attenuation Matching Across Channels
0.01
0.2
dB
Gain Error/Reference Error(3)
VREFT – VREFB
–2.5
±1.0
+2.5
%FS
Gain Error Temperature Coefficient
±20
ppm/°C
POWER REQUIREMENTS(4)
Internal Reference
Power Dissipation
Analog Only (AVDD)
716
760
mW
Output Driver (LVDD)
172
188
mW
Total Power Dissipation
888
948
mW
External Reference
Power Dissipation
Analog Only (AVDD)
650
mW
Output Driver (LVDD)
172
mW
Total Power Dissipation
822
mW
Power-Down
Clock Running
90
mW
REFERENCE VOLTAGES
VREFT Reference Top (internal)
1.9
1.95
2.0
V
VREFB Reference Bottom (internal)
0.9
0.95
1.0
V
VCM Common-Mode Voltage
1.4
1.45
1.5
V
VCM Output Current
(5)
±50mV Change in Voltage
±2.0
mA
VREFT Reference Top (external)
1.825
1.95
2.0
V
VREFB Reference Bottom (external)
0.9
0.95
1.075
V
External Reference Common-Mode
VCM ± 50mV
V
External Reference Input Current(6)
1.0
mA
(1)
Offset error is the deviation of the average code from mid-code with –1dBFS sinusoid from ideal mid-code (2048). Offset error is
expressed in terms of % of full-scale.
(2)
Fixed attenuation in the channel arises due to a fixed attenuation in the sample-and-hold amplifier. When the differential voltage at the
analog input pins are changed from –VREF to +VREF, the swing of the output code is expected to deviate from the full-scale code
(4096LSB) by the extent of this fixed attenuation. NOTE: VREF is defined as (REFT – REFB).
(3)
The reference voltages are trimmed at production so that (VREFT – VREFB) is within ± 25mV of the ideal value of 1V. This specification
does not include fixed attenuation.
(4)
Supply current can be calculated from dividing the power dissipation by the supply voltage of 3.3V.
(5)
VCM provides the common-mode current for the inputs of all eight channels when the inputs are ac-coupled. The VCM output current
specified is the additional drive of the VCM buffer if loaded externally.
(6)
Average current drawn from the reference pins in the external reference mode.
4
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com