Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE5803ZCF Datasheet(PDF) 23 Page - Texas Instruments

Part # AFE5803ZCF
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5803ZCF Datasheet(HTML) 23 Page - Texas Instruments

Back Button AFE5803ZCF Datasheet HTML 19Page - Texas Instruments AFE5803ZCF Datasheet HTML 20Page - Texas Instruments AFE5803ZCF Datasheet HTML 21Page - Texas Instruments AFE5803ZCF Datasheet HTML 22Page - Texas Instruments AFE5803ZCF Datasheet HTML 23Page - Texas Instruments AFE5803ZCF Datasheet HTML 24Page - Texas Instruments AFE5803ZCF Datasheet HTML 25Page - Texas Instruments AFE5803ZCF Datasheet HTML 26Page - Texas Instruments AFE5803ZCF Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
t
1
t
2
t
3
Device Ready for
Serial Register Write
Device Ready for
Data Conversion
Start of Clock
AVDD
AVDD_5V
AVDD_ADC
DVDD
RESET
SEN
CLKP_ADC
t
4
t
7
t
8
t
6
t
5
AFE5803
www.ti.com
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
10
µs < t1 < 50 ms, 10 µs < t2 < 50 ms, –10 ms < t3 < 10 ms, t4 > 10 ms, t5 > 100 ns, t6 > 100 ns, t7 > 10 ms, and
t8
> 100 µs.
The AVDDx and DVDD power-on sequence does not matter as long as
–10ms < t3 < 10ms. Similar considerations
apply while shutting down the device.
Figure 59. Recommended Power-up Sequencing and Reset Timing
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): AFE5803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com