Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE4490 Datasheet(PDF) 21 Page - Texas Instruments

Part # AFE4490
Description  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4490 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 17Page - Texas Instruments AFE4490 Datasheet HTML 18Page - Texas Instruments AFE4490 Datasheet HTML 19Page - Texas Instruments AFE4490 Datasheet HTML 20Page - Texas Instruments AFE4490 Datasheet HTML 21Page - Texas Instruments AFE4490 Datasheet HTML 22Page - Texas Instruments AFE4490 Datasheet HTML 23Page - Texas Instruments AFE4490 Datasheet HTML 24Page - Texas Instruments AFE4490 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
DATA[23:16]
DATA[15:8]
DATA[7:0]
R/W
ACK
ACK
NACK
P
SLAVE ADDRESS
ACK
REG ADDRESS
ACK
SLAVE ADDRESS
R/W
S
ACK
S
I2C_DAT
SA6
SA5
SA4
SA3
SA2
SA1
SA0
A7
A6
A5
A4
A3
A2
A0
DATA[23:16]
DATA[15:8]
DATA[7:0]
ACK
ACK
ACK
ACK
P
ACK
R/W
S
I2C_DAT
A1
Register Address
Slave Address
21
AFE4404
www.ti.com
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
With the previously mentioned protocols for data, start, and stop conditions in place, the write and read
operations are as shown in Figure 30 and Figure 31, respectively. In Figure 30 and Figure 31, the slave address
for the AFE (indicated as SA6 to SA0) is a 7-bit representation of address 58h. The R/W bit is the read/write bit
and is set to '1' for Read and '0' for Write. Only the ADC output registers (addressed from 2Ah to 2Fh) can be
read out without the need for setting the REG_READ bit. Prior to reading out any other register, the REG_READ
bit needs to be additionally set to '1'. In Figure 30 and Figure 31, the activity performed by the host is shown in
black whereas activity from the AFE is shown in red. Thus, after the host sends the slave address during a write
operation, the AFE pulls the I2C_DAT line low (shown as ACK) if the slave address matches 58h. Similarly, the
host pulls the I2C_DAT line high (shown as NACK) as acknowledgment of a successfully completed read
operation involving three bytes of data. Continuous read/write mode is not supported.
(1)
Activity performed by the host is shown in black whereas activity from the AFE is shown in red. Continuous read/write
mode is not supported.
Figure 30. I2C Write Option Timing
Figure 31. I2C Read Option Timing
8.3.6 Timing Engine
The AFE has a fully-integrated timing engine that can be programmed to generate all clock phases for
synchronized transmit drive, receive sampling, and data conversion. To enable the timing engine (after powering
up the device), enable the TIMEREN bit.
8.3.6.1 Timer and PRF Controls
The timing engine inside the AFE has a 16-bit counter. The duration of the count with respect to an internal clock
(the timer clock) determines the pulse repetition period. The pulse repetition frequency (PRF) can be set using
the PRPCT register bits that represent the high value of the counter (the low value of the counter is 0). The
counter automatically counts until reaching PRPCT and then returns to 0 to start the next count. To suspend the
count and keep the counter in reset state, enable the TM_COUNT_RST bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com