Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE4403 Datasheet(PDF) 4 Page - Texas Instruments

Part # AFE4403
Description  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4403 Datasheet(HTML) 4 Page - Texas Instruments

  AFE4403 Datasheet HTML 1Page - Texas Instruments AFE4403 Datasheet HTML 2Page - Texas Instruments AFE4403 Datasheet HTML 3Page - Texas Instruments AFE4403 Datasheet HTML 4Page - Texas Instruments AFE4403 Datasheet HTML 5Page - Texas Instruments AFE4403 Datasheet HTML 6Page - Texas Instruments AFE4403 Datasheet HTML 7Page - Texas Instruments AFE4403 Datasheet HTML 8Page - Texas Instruments AFE4403 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 85 page
background image
1
2
3
I2C_DAT
I2C_CLK
TX_SUP
RESETZ
TX3
GND
DNC
CLK
TX1
TX2
INP
ADC_RDY
INM
RX_SUP
IO_SUP
E
D
C
B
A
4
AFE4404
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Mode that doubles the range to 100 mA with additional restrictions.
5 Device Comparison Table
PRODUCT
PACKAGE-LEAD
LED DRIVE
CONFIGURATION
LED DRIVE
CURRENT
(mA, Max)
OPERATING
TEMPERATURE
RANGE
OPTIMIZED APPLICATION
AFE4400
VQFN-40
H-bridge,
common anode
50
0°C to 70°C
Finger-clip pulse oximeters
AFE4490
VQFN-40
H-bridge,
common anode
200
–40°C to 85°C
Clinical-grade pulse oximeters
AFE4403
DSBGA-36
H-bridge,
common anode
100
–20°C to 70°C
Clinical pulse oximeter patches, wearables
AFE4404
DSBGA-15
Common anode
50(1)
–20°C to 70°C
Wearable optical bio-sensing
6 Pin Configuration and Functions
YZP Package
15-Ball DSBGA
Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com