Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP2503 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SP2503
Description  Thermoelectric Cooler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP2503 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SP2503 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP2503 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
marlow
industries
Subsidiary of II-VI Incorporated
a global leader in thermoelectric solutions
214-340-4900 (tel) ● 214-341-5212 (fax) ● www.marlow.com
Doc # 102-0313
Rev 2
Page 1 of 2
Thermoelectric Cooler SP2503
RoHS 2002/95/EC Compliant
Performance Values
Mechanical Characteristics
Dimensions in [ ] are millimeters
Ceramic Material: Alumina (AC)
4.0±.5
[101.60±12.70]
POSITIVE LEAD (RED)
NEGATIVE LEAD (BLACK)
.002[0.05] A
.001[0.03]
.001[0.03]
.192±0.0005
[4.88±0.01]
1.130 [28.70]
COLD SIDE, Tc
HOT SIDE, Th
1.000 [25.40]
1.000 [25.40]
+
Ceramic Material: Alumina (AC)
Dimensions in [ ] are millimeters
NEGATIVE LEAD (BLACK)
POSITIVE LEAD (RED)
4.0±.5
[101.60±12.70]
+
LEAD WIRE CONFIGURATION
-04AC ONLY
ACR VALUE
LEADWIRES- 20 AWG,
19/32 STRANDING
TEFLON INSULATED
LEADWIRES- 20 AWG,
19/32 STRANDING
TEFLON INSULATED
Ordering Options
Features
•
RoHS 2002/95/EC compliant
•
Designed for thermal cycling applications
•
Rugged construction
•
Porched configuration for enhanced
leadwire strength Leadwires attached
with 218°C solder
•
Rated operating temperature of 130°C
•
Height tolerance of ± 0.0005 in. (± 0.01
mm) allows for multiple module
applications
•
Modules with number coded ACR bin
ranges available. See binning chart..
Hot Side Temperature (°C)
27°C
50°C
Δ Tmax (°C-dry N2):
62.0
70.6
Qmax (watts):
21.3
23.6
Imax (amps):
9.36
9.24
Vmax (vdc):
3.48
3.88
AC Resistance (ohms):
0.323
---
Model Number
Description
SP2503-03AC
With 4”
Leadwire, ACR
Marked and
Number Coded
SP2503-04AC
With 4”
Leadwire,
Special
Orientation
SP2503-06AC
No Leadwires
SP2503-08AC
No Leadwires,
ACR Marked
and Number
Coded
BINNING CHART
Zone
ACR @ 23°C
1
.280 - .282
2
.282 - .286
3
.286 - .290
4
.290 - .294
5
.294 - .298
6
.298 - .302
7
.302 - .306
8
.306 - .310
9
.310 - .314
10
.314 - .318
11
.318 - .322
12
.322 - .326
13
.326 - .330
14
.330 - .334
15
.334 - .338
16
.338 - .342
17
.342 - .346
18
.346 - .350
19
.350 - .354
20
.354 - .357


Similar Part No. - SP2503

ManufacturerPart #DatasheetDescription
logo
EDSYN Inc.
SP250 EDSYN-SP250 Datasheet
421Kb / 1P
Pick Up Tool Needles and Suction Cups
logo
SIPAT Co,Ltd
SP25001 SIPAT-SP25001 Datasheet
160Kb / 4P
250MHz Low-loss SAW Filter 45MHz Bandwidth
SP25001 SIPAT-SP25001 Datasheet
166Kb / 4P
250MHz Low-loss SAW Filter 45MHz Bandwidth
logo
Guangdong Kexin Industr...
SP2500SA KEXIN-SP2500SA Datasheet
1Mb / 2P
Protection Thyristor
SP2500SB KEXIN-SP2500SB Datasheet
1Mb / 2P
Protection Thyristor
More results

Similar Description - SP2503

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DT3-2.5 ETC2-DT3-2.5 Datasheet
130Kb / 2P
Thermoelectric Cooler
DT3-6 ETC2-DT3-6 Datasheet
187Kb / 2P
Thermoelectric Cooler
DT6-2.5 ETC2-DT6-2.5 Datasheet
123Kb / 2P
Thermoelectric Cooler
DT12-2.5 ETC2-DT12-2.5 Datasheet
129Kb / 2P
Thermoelectric Cooler
MI2011T ETC2-MI2011T Datasheet
117Kb / 2P
Thermoelectric Cooler
MI2012T ETC2-MI2012T Datasheet
127Kb / 2P
Thermoelectric Cooler
TEC1-12708 ETC2-TEC1-12708 Datasheet
103Kb / 3P
Thermoelectric Cooler
logo
HB Electronic Component...
TEC1-12706 HB-TEC1-12706 Datasheet
124Kb / 3P
Thermoelectric Cooler
TEC1-12708 HB-TEC1-12708 Datasheet
108Kb / 3P
Thermoelectric Cooler
TEC1-12730 HB-TEC1-12730 Datasheet
113Kb / 3P
Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com