Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

631 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 631
Description  Electroluminescent (EL) Tape/Strip Starter Pack - 100cm - Red
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

631 Datasheet(HTML) 2 Page - Adafruit Industries

  631 Datasheet HTML 1Page - Adafruit Industries 631 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
Get glowing in seconds with our Electroluminescent (EL) Tape Starter Pack! This
pack contains everything you need for your first EL tape project, even the batteries.
Includes:
• 1 meter long x 1 cm wide EL tape strip in Red
• Portable 4xAAA inverter powerful enough to drive a full meter of strip
• 4 x AAA alkaline batteries to power the inverter and tape for 10 hours
For more information and technical specifications, check the product links of each
of the above items!
Page 2 of 2
7/27/2015
http://www.adafruit.com/products/631



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com