Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

680 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 680
Description  Diffused 5mm Fast Flashing RGB LED - 10 pack - Flashing Effect
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

680 Datasheet(HTML) 1 Page - Adafruit Industries

  680 Datasheet HTML 1Page - Adafruit Industries 680 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
 
 
 
Diffused 5mm Fast Flashing RGB LED - 10
pack - Flashing Effect
PRODUCT ID: 680
These are very interesting 5mm diffused RGB LEDs - instead of having 4
pins to control 3 LEDs, they have only two leads - power and ground.
When powered, the LEDs perform a flashing effect with all the colors. See
the video below for the timing and look. There is no way to change the
'program' or rate, its burned into a little chip that is inside the LED itself.
If you need to have an RGB perform a particular arrangement, check out
our RGB LEDs that you can easily control with a microcontroller We also
have a version that's a 'slow fading' RGB color cycle.


Similar Part No. - 680

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
680 GILWAY-680 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
Productwell Precision E...
680 PRODUCTWELL-680 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
Aries Electronics, Inc.
680 ARIES-680 Datasheet
897Kb / 1P
Complete versatility for programming within the unit itself, thus eliminating the need for DIP switches in many situations
logo
AiT Semiconductor Inc.
680 AITSEMI-680 Datasheet
817Kb / 4P
POWER INDUCTOR
680 AITSEMI-680 Datasheet
718Kb / 4P
WIRE WOUND SMD INDUCTOR
More results

Similar Description - 680

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5SS5A31A OPTOSUPPLY-OSB5SS5A31A Datasheet
95Kb / 1P
5mm Round Flashing Blue LED
OSG3DS5A31A OPTOSUPPLY-OSG3DS5A31A Datasheet
95Kb / 1P
5mm Round Flashing Bluish Green LED
OSO5GS5A31A OPTOSUPPLY-OSO5GS5A31A Datasheet
95Kb / 1P
5mm Round Flashing Giga Orange LED
OSO5MS5A31A OPTOSUPPLY-OSO5MS5A31A Datasheet
95Kb / 1P
5mm Round Flashing Phoenix Orange LED
OSO5SS5A31A OPTOSUPPLY-OSO5SS5A31A Datasheet
95Kb / 1P
5mm Round Flashing Orange LED
OSR5MS5A31A OPTOSUPPLY-OSR5MS5A31A Datasheet
96Kb / 1P
5mm Round Flashing Phoenix Red LED
OSR5SS5A31A OPTOSUPPLY-OSR5SS5A31A Datasheet
95Kb / 1P
5mm Round Flashing Red LED
OSY5SS5A31A OPTOSUPPLY-OSY5SS5A31A Datasheet
96Kb / 1P
5mm Round Flashing Yellow LED
OSXXXR5A31A-W1V OPTOSUPPLY-OSXXXR5A31A-W1V Datasheet
125Kb / 1P
5mm Round Module 1.2V Flashing LED
OSXXXS5A31A-W1V OPTOSUPPLY-OSXXXS5A31A-W1V Datasheet
127Kb / 1P
5mm Round Module 1.2V Flashing LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com