Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

877 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 877
Description  Adafruit 7-Segment LED Matrix Backpack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

877 Datasheet(HTML) 2 Page - Adafruit Industries

  877 Datasheet HTML 1Page - Adafruit Industries 877 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A 4-digit 0.56" tall 7-segment display is not included, but we have lots of
options in the store! We only know that this backpack works with the ones we
stock. Other 7-segment displays may not work, we don't guarantee 'em.
TECHNICAL DETAILS
Product Dimensions: 50.0mm x 27.0mm x 4.0mm / 2.0" x 1.1" x 0.2"
Product Weight: 5.0g / 0.2oz
                                                 https://www.adafruit.com/product/877 7‐30‐18 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com