Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

911 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 911
Description  NTSC/PAL (Television) TFT Display - 2.0" Diagonal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

911 Datasheet(HTML) 1 Page - Adafruit Industries

  911 Datasheet HTML 1Page - Adafruit Industries 911 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTSC/PAL (Television) TFT Display - 2.0"
Diagonal
PRODUCT ID: 911
Description
Yes, this is an adorable miniature television! The visible display measures only 2.0" diagonal, the TFT
comes with a NTSC/PAL driver board. The display is very easy to use - simply connect 6-12VDC to the
red and black wires, then connect a composite video source to the yellow and black wire. Voila, a television
display! There's a little button to adjust the LED backlight brightness (5 levels) - there is no other
adjustment available but we found that the color and contrast look great right out of the box.
To demonstrate it, we took some photos with the display connected to a Raspberry Pi, but it will also work
connected to any analog composite-video output such as a YBox or Propeller w/Video out. It will not work
with a device that only outputs VGA, HDMI or any other digital video signal.


Similar Part No. - 911

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
911 ETC2-911 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
911 ETC2-911 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
logo
Alpha Wire
911 ALPHAWIRE-911 Datasheet
156Kb / 3P
M12?륚 Plastic Passive I/O Box
logo
Anderson Power Products...
911 APP-911 Datasheet
151Kb / 2P
SB® 350 Connector
logo
EAO AG.
911-.401-00 EAO-911-.401-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
More results

Similar Description - 911

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3566A PHILIPS-TDA3566A Datasheet
253Kb / 24P
PAL/NTSC decoder
February 1994
logo
Samsung semiconductor
KA2154 SAMSUNG-KA2154 Datasheet
543Kb / 21P
Video-Chroma Deflection system For A Color Television(PAL/NTSC)
KA2161 SAMSUNG-KA2161 Datasheet
310Kb / 21P
pal/ntsc 1 chip ic for color television
logo
Sanyo Semicon Device
LA76070 SANYO-LA76070 Datasheet
308Kb / 27P
NTSC Color Television IC
LA7685J SANYO-LA7685J Datasheet
271Kb / 10P
PAL/NTSC Single-chip Color Television Signal Processing Circuit
logo
Sharp Corporation
VTST6UF78 SHARP-VTST6UF78 Datasheet
51Kb / 2P
NTSC/PAL Electronic Television Tuners
logo
fujitsu semiconductor
MB90075 FUJITSU-MB90075 Datasheet
1Mb / 42P
ON-SCRREN DISPLAY CONTROLLER FOR NTSC/PAL
logo
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
NTSC/PAL Decoder
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
NTSC/PAL Encoder
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
COLOR TELEVISION RGB to PAL/NTSC ENCODER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com