Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TESTO810 Datasheet(PDF) 3 Page - Testo SE & Co. KGaA

Part # TESTO810
Description  Innovative Pocket-Sized Measurement Technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

TESTO810 Datasheet(HTML) 3 Page - Testo SE & Co. KGaA

  TESTO810 Datasheet HTML 1Page - Testo SE & Co. KGaA TESTO810 Datasheet HTML 2Page - Testo SE & Co. KGaA TESTO810 Datasheet HTML 3Page - Testo SE & Co. KGaA TESTO810 Datasheet HTML 4Page - Testo SE & Co. KGaA TESTO810 Datasheet HTML 5Page - Testo SE & Co. KGaA TESTO810 Datasheet HTML 6Page - Testo SE & Co. KGaA TESTO810 Datasheet HTML 7Page - Testo SE & Co. KGaA TESTO810 Datasheet HTML 8Page - Testo SE & Co. KGaA TESTO810 Datasheet HTML 9Page - Testo SE & Co. KGaA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Committing to the future
testo 810
Technical data
Surface temperature:
Measuring range:-30 to 300 °C
Resolution:
0.1 °C
Accuracy:
±2.0 °C
(-30 to +100 °C)
± 2% of m.v.
(remaining range)
Optics:
6:1
Air temperature:
Measuring range:-10 to 50 °C
Resolution:
0.1 °C
Accuracy :
± 0.5 °C
Units:
°C/°F
Oper. temp.:
-10 to 50 °C
Battery type:
Alkaline (2 x AAA)
Battery life:
50 h. (average, without
display illumination)
Dimensions
(incl. protective cap)
:119 x 46 x 25 mm
Testo 810 - Air and
surface temperature in
one instrument
Included in delivery:
Calibration protocol · Wrist strap
Belt holder · Protective cap · Batteries
Part no. 0560 0810
- Surface temperature IR
measurement with 1-point laser
spot marking and 6:1 optics
- Air temperature measurement
- Display of differential temperature
e.g. between window and air
- Hold function and
max./min. values



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com