Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXD Datasheet(PDF) 4 Page - TDK Electronics

Part # PXD
Description  Single and Dual Output 10 to 20W DC-DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PXD Datasheet(HTML) 4 Page - TDK Electronics

  PXD Datasheet HTML 1Page - TDK Electronics PXD Datasheet HTML 2Page - TDK Electronics PXD Datasheet HTML 3Page - TDK Electronics PXD Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PXD March14 v5
www.emea.tdk-lambda.com
TDK-LambdaFranceSAS
ZACdesDelaches
CS41077
9rueThuillere
91978VillebonCourtaboeuf
France
Tel: +33160127165
Fax:+33160127166
france@fr.tdk-lambda.com
www.fr.tdk-lambda.com
ItalySalesOffice
ViadeiLavoratori128/130
20092CiniselloBalsamo(MI)
Italy
Tel: +390261293863
Fax:+390261290900
info.italia@it.tdk-lambda.com
www.it.tdk-lambda.com
Netherlands
info@tdk-lambda.nl
www.tdk-lambda.nl
TDK-LambdaGermanyGmbH
Karl-Bold-Strasse40
77855Achern
Germany
Tel: +4978416660
Fax:+4978415000
info.germany@de.tdk-lambda.com
www.de.tdk-lambda.com
AustriaSalesOffice
Aredstrasse22
2544Leobersdorf
Austria
Tel: +43225665584
Fax:+43225664512
info.germany@de.tdk-lambda.com
www.de.tdk-lambda.com
ScandinaviaSalesOffice
Valdemarsgade7
4100Ringsted
Denmark
Tel: +4524639565
Fax:+4569804499
info@de.tdk-lambda.com
www.emea.tdk-lambda.com
SwitzerlandSalesOffice
Bahnhofstrasse50
8305Dietlikon
Switzerland
Tel: +41448505353
Fax:+41448505350
info@de.tdk-lambda.com
www.de.tdk-lambda.com
TDK-LambdaUKLtd.
KingsleyAvenue
Ilfracombe
DevonEX348ES
UnitedKingdom
Tel: +44(0)1271856666
Fax:+44(0)1271864894
powersolutions@uk.tdk-lambda.com
www.uk.tdk-lambda.com
TDK-LambdaLtd.
Kibbutz
GivatHashlosha48800
Israel
Tel: +97239024333
Fax:+97239024777
info@tdk-lambda.co.il
www.tdk-lambda.co.il
Russia
TechnicalSupport:
StPetersburg
Tel: +7(812)6580463
Sales:
Moscow
info@tdk-lambda.ru
www.tdk-lambda.ru
LocalDistribution
PXD Series
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com