Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSG90333 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG90333
Description  Computer Cable, IEEE 1394b FireWire Plug, 9 Way, IEEE 1394b FireWire Plug, 4 Way, 6.5ft, (2m)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG90333 Datasheet(HTML) 1 Page - Pro-Signal

  PSG90333 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
22/07/16
Firewire 800Mbps Cables
Description:
A range of IEEE1394b ’FireWire’ cables with the 9 pin connectors as required for the faster 800Mbps standard.
Features:
• Braid shielding
• Fully rated to 800Mbps
• Translucent cover
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Computer Cable, IEEE 1394b FireWire Plug, 9 Way, IEEE 1394b FireWire Plug, 4 Way, 6.5ft, (2m)
PSG90333
Computer Cable, IEEE 1394b FireWire Plug, 9 Way, IEEE 1394b FireWire Plug, 6 Way, 6.6ft, (2m)
PSG90334
Computer Cable, IEEE 1394b FireWire Plug, 9 Way, IEEE 1394b FireWire Plug, 9 Way, 6.5ft, (2m)
PSG90335


Similar Part No. - PSG90333

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSG90339 ETC-PSG90339 Datasheet
68Kb / 1P
LAU Adaptors
More results

Similar Description - PSG90333

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM150-33-2 BOURNS-MF-SM150-33-2 Datasheet
193Kb / 1P
IEEE 1394B
logo
Tripp Lite. All Rights ...
F015006 TRIPPLITE-F015006 Datasheet
485Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin-9pin M-M) 6-ft
F017010 TRIPPLITE-F017010 Datasheet
486Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin-6pin M-M) 10-ft
F019006 TRIPPLITE-F019006 Datasheet
483Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin-4pin M-M) 6-ft
F019010 TRIPPLITE-F019010 Datasheet
482Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin-4pin M-M) 10-ft
logo
Pulse A Technitrol Comp...
TM1062DUXB PULSE-TM1062DUXB Datasheet
652Kb / 4P
IEEE 1394B Firewire 1.062Gb Transceiver Line Interface Module
TM1062TXDUA PULSE-TM1062TXDUA Datasheet
590Kb / 3P
IEEE 1394B Firewire 1.062Gb Transceiver Line Interface Module
logo
Tripp Lite. All Rights ...
F015-010 TRIPPLITE-F015-010 Datasheet
157Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin/9pin M/M) 10-ft.
F017-010 TRIPPLITE-F017-010 Datasheet
158Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin/6pin M/M) 10-ft.
F019-006 TRIPPLITE-F019-006 Datasheet
157Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin/4pin M/M) 6-ft.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com