Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2000PW Datasheet(PDF) 13 Page - Texas Instruments

Part # BQ2000PW
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2000PW Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ2000PW Datasheet HTML 9Page - Texas Instruments BQ2000PW Datasheet HTML 10Page - Texas Instruments BQ2000PW Datasheet HTML 11Page - Texas Instruments BQ2000PW Datasheet HTML 12Page - Texas Instruments BQ2000PW Datasheet HTML 13Page - Texas Instruments BQ2000PW Datasheet HTML 14Page - Texas Instruments BQ2000PW Datasheet HTML 15Page - Texas Instruments BQ2000PW Datasheet HTML 16Page - Texas Instruments BQ2000PW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
0
20
40
60
80
100
120
140
160
180
220
720
1220 1720 2220 2720 3220 3720 4220
C -pF
f
R =748
f
W
50
70
90
110
130
150
170
190
210
200 300 400 500 600 700 800 900 1000 1100 1200
R -
f
W
C =1000pF
f
bq2000
www.ti.com
SLUS138D – JANUARY 2008 – REVISED DECEMBER 2009
voltage and/or inductor value or decreasing CHYS and/or the Rf × Cf filter corner frequency will increase the
switching frequency. Figure 10 and Figure 11 show empirical data on the variation in switching frequency based
on adjusting Rf and Cf. This data was taken with an input voltage of 12V, inductor value of 220 µH, RSNS value of
50 m
Ω, and CHYS value of 4.7 pF. Typical switching frequencies for the bq2000 are between 100 and 200 kHz,
though it is possible to achieve switching frequencies in excess of 300kHz.
Figure 10. Switching Frequency vs Capacitance
Figure 11. Switching Frequency vs Resistance
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): bq2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com