Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF602IDBVR Datasheet(PDF) 8 Page - Texas Instruments

Part # BUF602IDBVR
Description  High-Speed, Closed-Loop Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF602IDBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button BUF602IDBVR Datasheet HTML 4Page - Texas Instruments BUF602IDBVR Datasheet HTML 5Page - Texas Instruments BUF602IDBVR Datasheet HTML 6Page - Texas Instruments BUF602IDBVR Datasheet HTML 7Page - Texas Instruments BUF602IDBVR Datasheet HTML 8Page - Texas Instruments BUF602IDBVR Datasheet HTML 9Page - Texas Instruments BUF602IDBVR Datasheet HTML 10Page - Texas Instruments BUF602IDBVR Datasheet HTML 11Page - Texas Instruments BUF602IDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
TYPICAL CHARACTERISTICS: VS = ±5V
3
0
−3
−6
−9
−12
−15
−18
Frequency (Hz)
1M
10M
100M
1G
2G
V
O = 2VPP
V
O = 5VPP
V
O = 0.5VPP
V
O = 4VPP
V
O = 0.2VPP
V
O = 1VPP
R
L = 100Ω
6
3
0
−3
−6
−9
Frequency (Hz)
1M
10M
100M
1G
2G
R
L = 1kΩ
R
L = 500Ω
R
L = 100Ω
V
OUT = 0.5VPP
0.5
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
−0.5
Frequency (Hz)
1M
10M
100M
1G
V
O = 0.5VPP
R
L = 100Ω
100
10
1
Frequency (Hz)
100
1k
10k
100k
1M
10M
Input Current Noise (2.1pA/
√Hz)
Input Voltage Noise (4.8nV/
√Hz)
150
100
50
0
−50
−100
−150
Time (2ns/div)
V
OUT = 0.2VPP
R
L = 100Ω
f = 40MHz
4
3
2
1
0
−1
−2
−3
−4
Time (2ns/div)
V
OUT = 5VPP
R
L = 100Ω
f = 40MHz
BUF602
SBOS339B – OCTOBER 2005 – REVISED MAY 2008 ...................................................................................................................................................... www.ti.com
At TA = +25°C and RL = 100Ω, unless otherwise noted.
BUFFER BANDWIDTH vs OUTPUT VOLTAGE
BUFFER BANDWIDTH vs LOAD RESISTANCE
Figure 1.
Figure 2.
BUFFER GAIN FLATNESS
INPUT VOLTAGE AND CURRENT NOISE DENSITY
Figure 3.
Figure 4.
BUFFER SMALL-SIGNAL PULSE RESPONSE
BUFFER LARGE-SIGNAL PULSE RESPONSE
Figure 5.
Figure 6.
8
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): BUF602



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com