Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT374 Datasheet(PDF) 3 Page - Texas Instruments

Part # CD74ACT374
Description  CDx4AC374, CDx4ACT374, CD74AC534 Octal D-Type Flip-Flops, 3-State Positive- Edge Triggered
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT374 Datasheet(HTML) 3 Page - Texas Instruments

  CD74ACT374 Datasheet HTML 1Page - Texas Instruments CD74ACT374 Datasheet HTML 2Page - Texas Instruments CD74ACT374 Datasheet HTML 3Page - Texas Instruments CD74ACT374 Datasheet HTML 4Page - Texas Instruments CD74ACT374 Datasheet HTML 5Page - Texas Instruments CD74ACT374 Datasheet HTML 6Page - Texas Instruments CD74ACT374 Datasheet HTML 7Page - Texas Instruments CD74ACT374 Datasheet HTML 8Page - Texas Instruments CD74ACT374 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3 Pin Configuration and Functions
Figure 3-1. CDx4AC/ACT374, CD74AC534
Figure 3-2. CDx4AC/ACT374, CD74AC534
Table 3-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
OE
1
I
Enable pin
1Q
2
O
Output 1
1D
3
I
Input 1
2D
4
I
Input 2
2Q
5
O
Output 2
3Q
6
O
Output 3
3D
7
I
Input 3
4D
8
I
Input 4
4Q
9
O
Output 4
GND
10
Ground pin
CLK
11
I
Clock pin
5Q
12
O
Output 5
5D
13
I
Input 5
6D
14
I
Input 6
6Q
15
O
Output 6
7Q
16
O
Output 7
7D
17
I
Input 7
8D
18
I
Input 8
8Q
19
O
Output 8
VCC
20
Power pin
www.ti.com
CD74AC374, CD54AC374, CD54ACT374, CD74ACT374, CD74AC534
SCHS290A – DECEMBER 1998 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CD74AC374 CD54AC374 CD54ACT374 CD74ACT374 CD74AC534



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com