Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74AC374M Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74AC374M
Description  CDx4AC374, CDx4ACT374, CD74AC534 Octal D-Type Flip-Flops, 3-State Positive- Edge Triggered
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC374M Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74AC374M Datasheet HTML 2Page - Texas Instruments CD74AC374M Datasheet HTML 3Page - Texas Instruments CD74AC374M Datasheet HTML 4Page - Texas Instruments CD74AC374M Datasheet HTML 5Page - Texas Instruments CD74AC374M Datasheet HTML 6Page - Texas Instruments CD74AC374M Datasheet HTML 7Page - Texas Instruments CD74AC374M Datasheet HTML 8Page - Texas Instruments CD74AC374M Datasheet HTML 9Page - Texas Instruments CD74AC374M Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CHARACTERISTICS
TEST CONDITIONS
VCC (V)
AMBIENT TEMPERATURE (TA) - °C
UNIT
+25
-40 to +85
-55 to +125
VI (V)
IO (mA)
MIN
MAX
MIN
MAX
MIN
MAX
VOL
Low-Level Output
Voltage
VIH or VIL (1),
(2)
0.05
4.5
—
0.1
—
0.1
—
0.1
V
24
4.5
—
0.36
—
0.44
—
0.5
75
5.5
—
—
—
1.65
—
—
50
5.5
—
—
—
—
—
1.65
II
Input Leakage
Current
VCC or GND
5.5
—
±0.1
—
±1
—
±1
μA
IOZ
3-State Leakage
Current
VIH or VIL VO
= VCC or
GND
5.5
—
±0.5
—
±5
—
±10
μA
ICC
Quiescent Supply
Current, MSI
VCC or GND 0
5.5
—
8
—
80
—
160
μA
ΔICC
Additional Quiescent
Supply Current per
Input Pin
VCC-2.1
4.5 to
5.5
—
2.4
—
2.8
—
3
mA
TTL Inputs High
1 Unit Load
(1)
Test one output at a time for a 1-second maximum duration. Measurement is made by forcing current and measuring voltage to
minimize power dissipation.
(2)
Test verifies a minimum 50-ohm transmission-line-drive capability at +85°C. 75 ohms at + 125°C.
Act Input Loading Table
INPUT
UNIT LOADS(2)
D, OE
0.7
CP
1.17
4.7 Prerequisite for Switching: AC Series
CHARACTERISTICS
VCC (V)
AMBIENT TEMPERATURE (TA) - °C
UNIT
-40 to +85
-55 to+125
MIN
MAX
MIN
MAX
tw
Clock Pulse Width
1.5
44
—
50
—
ns
3.3(1)
4.9
—
5.6
—
5(2)
3.5
—
4
—
tSU
Setup Time Data to Clock
1.5
2
—
2
ns
3.3
2
—
2
—
5
2
—
2
—
tH
Hold Time Data to Clock
1.5
2
—
2
ns
3.3
2
—
2
—
5
2
—
2
—
fMAX
Maximum Clock Frequency
1.5
11
—
10
—
MHz
3.3
101
—
89
—
5
143
—
125
—
(1)
3.3 V: min. is @ 3 V
(2)
5 V: min. is @ 4.5 V
CD74AC374, CD54AC374, CD54ACT374, CD74ACT374, CD74AC534
SCHS290A – DECEMBER 1998 – REVISED MARCH 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD74AC374 CD54AC374 CD54ACT374 CD74ACT374 CD74AC534



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com