Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC151EE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # CD74HC151EE4
Description  CDx4HC151, CDx4HCT151 High-Speed CMOS Logic 8-Input Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC151EE4 Datasheet(HTML) 2 Page - Texas Instruments

  CD74HC151EE4 Datasheet HTML 1Page - Texas Instruments CD74HC151EE4 Datasheet HTML 2Page - Texas Instruments CD74HC151EE4 Datasheet HTML 3Page - Texas Instruments CD74HC151EE4 Datasheet HTML 4Page - Texas Instruments CD74HC151EE4 Datasheet HTML 5Page - Texas Instruments CD74HC151EE4 Datasheet HTML 6Page - Texas Instruments CD74HC151EE4 Datasheet HTML 7Page - Texas Instruments CD74HC151EE4 Datasheet HTML 8Page - Texas Instruments CD74HC151EE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Table of Contents
1 Features............................................................................1
2 Description.......................................................................1
3 Revision History.............................................................. 2
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings
(1) .....................................4
5.2 Recommended Operating Conditions.........................4
5.3 Thermal Information....................................................4
5.4 Electrical Characteristics.............................................5
5.5 Switching Characteristics............................................6
6 Parameter Measurement Information............................ 7
7 Detailed Description........................................................8
7.1 Overview..................................................................... 8
7.2 Functional Block Diagram........................................... 8
7.3 Device Functional Modes............................................9
8 Power Supply Recommendations................................10
9 Layout.............................................................................10
9.1 Layout Guidelines..................................................... 10
10 Device and Documentation Support..........................11
10.1 Documentation Support.......................................... 11
10.2 Receiving Notification of Documentation Updates.. 11
10.3 Support Resources................................................. 11
10.4 Trademarks............................................................. 11
10.5 Electrostatic Discharge Caution.............................. 11
10.6 Glossary.................................................................. 11
11 Mechanical, Packaging, and Orderable
Information.................................................................... 11
3 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (October 2003) to Revision D (November 2021)
Page
• Updated the numbering, formatting, tables, figures, and cross-references throughout the document to reflect
modern data sheet standards............................................................................................................................. 1
• Updated pin names to match current TI naming conventions. I3 is now D3, I2 is now D2, I1 is now D1, I0 is now
D0, Y is now W, E is now G, S2 is now C, S1 is now B, S0 is now A, I7 is now D7, I6 is now D6, I5 is now D5, I4
is now D4 ............................................................................................................................................................1
CD54HC151, CD74HC151, CD54HCT151, CD74HCT151
SCHS150D – SEPTEMBER 1998 – REVISED NOVEMBER 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: CD54HC151 CD74HC151 CD54HCT151 CD74HCT151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com