Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC259M96 Datasheet(PDF) 7 Page - Texas Instruments

Part # CD74HC259M96
Description  CDx4HC(T)259 High-Speed SMOS Logic 8-Bit Addressable Latch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC259M96 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HC259M96 Datasheet HTML 3Page - Texas Instruments CD74HC259M96 Datasheet HTML 4Page - Texas Instruments CD74HC259M96 Datasheet HTML 5Page - Texas Instruments CD74HC259M96 Datasheet HTML 6Page - Texas Instruments CD74HC259M96 Datasheet HTML 7Page - Texas Instruments CD74HC259M96 Datasheet HTML 8Page - Texas Instruments CD74HC259M96 Datasheet HTML 9Page - Texas Instruments CD74HC259M96 Datasheet HTML 10Page - Texas Instruments CD74HC259M96 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
5.6 Switching Characteristics
(2)
CL = 50pF, Input tt = 6ns
PARAMETER
VCC (V)
25°C
-40°C to 85°C
-55°C to 125°C
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
tpd
D to Q
2
185
230
280
ns
4.5
15
(1)
37
46
56
6
31
39
48
G to Q
2
170
215
255
ns
4.5
14
(1)
34
43
51
6
29
37
43
S to Q
2
185
230
280
ns
4.5
15
(1)
37
46
56
6
31
39
48
CLR to Q
2
155
195
235
ns
4.5
13
(1)
31
39
47
6
26
33
40
tt
Output transition time
2
75
95
110
ns
4.5
15
19
22
6
13
16
19
Cpd
Power dissipation Capacitance
(1)
5
21
(1)
pF
Ci
Input capacitance
10
10
10
10
pF
HCT TYPES
tpd
D to Q
4.5
16
(1)
39
49
59
ns
G to Q
4.5
16
(1)
38
48
57
ns
S to Q
4.5
17
(1)
41
51
61
ns
CLR to Q
4.5
16
(1)
39
49
59
pF
Cpd
Power dissipaction Capacitance
(1)
5
22
(1)
pF
Ci
Input Capacitance
10
10
10
10
pF
tt
Output transition time
4.5
15
19
22
ns
(1)
CL = 15pF and VCC = 5 V.
(2)
For details on CMOS power calculation see, SCAA053B.
www.ti.com
CD54HC259, CD74HC259, CD54HCT259, CD74HCT259
SCHS173D – NOVEMBER 1997 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CD54HC259 CD74HC259 CD54HCT259 CD74HCT259



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com