Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4046APWR Datasheet(PDF) 20 Page - Texas Instruments

Part # CD74HC4046APWR
Description  High-Speed CMOS Logic Phase-Locked Loop with VCO
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC4046APWR Datasheet(HTML) 20 Page - Texas Instruments

Back Button CD74HC4046APWR Datasheet HTML 16Page - Texas Instruments CD74HC4046APWR Datasheet HTML 17Page - Texas Instruments CD74HC4046APWR Datasheet HTML 18Page - Texas Instruments CD74HC4046APWR Datasheet HTML 19Page - Texas Instruments CD74HC4046APWR Datasheet HTML 20Page - Texas Instruments CD74HC4046APWR Datasheet HTML 21Page - Texas Instruments CD74HC4046APWR Datasheet HTML 22Page - Texas Instruments CD74HC4046APWR Datasheet HTML 23Page - Texas Instruments CD74HC4046APWR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
20
PLL Conditions with
No Signal at the
SIGIN Input
PC1
VCO adjusts to fo with φDEMOUT = 90
o and V
VCOIN = 1/2 VCC (see Figure 2)
PC2
VCO adjusts to fMIN with φDEMOUT = -360
o and V
VCOIN = 0V (see Figure 4)
PC3
VCO adjusts to fMAX with φDEMOUT = 360
o and V
VCOIN = VCC (see Figure 6)
PLL Frequency
Capture Range
PC1, PC2 or PC3
Loop Filter Component Selection
PLL Locks on
Harmonics at Center
Frequency
PC1 or PC3
Yes
PC2
No
Noise Rejection at
Signal Input
PC1
High
PC2 or PC3
Low
AC Ripple Content
when PLL is Locked
PC1
fr = 2fi, large ripple content at φDEMOUT = 90
o
PC2
fr = fi, small ripple content at φDEMOUT = 0
o
PC3
fr = fSIGIN, large ripple content at φDEMOUT = 180
o
SUBJECT
PHASE
COMPARATOR
DESIGN CONSIDERATIONS
A small capture range (2fc) is obtained if τ > 2fc ≈ 1/π (2πfL/τ.)
1/2
FIGURE 46. SIMPLE LOOP FILTER FOR PLL WITHOUT OFFSET
(A)
τ = R3 x C2
(B) AMPLITUDE CHARACTERISTIC
(C) POLE-ZERO DIAGRAM
R3
C2
INPUT
OUTPUT
|F(j
ω)|
ω
-1/
τ
FIGURE 47. SIMPLE LOOP FILTER FOR PLL WITH OFFSET
(A)
τ1 = R3 x C2;
(B) AMPLITUDE CHARACTERISTIC
(C) POLE-ZERO DIAGRAM
|F(j
ω)|
ω
-1/
τ2
R3
C2
INPUT
OUTPUT
τ2 = R4 x C2;
τ3 = (R3 + R4) x C2
-1/
τ3
m
1/
τ3 1/τ2
R4
m =
R4
R3 + R4
CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com