Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74AC374 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74AC374
Description  CDx4AC374, CDx4ACT374, CD74AC534 Octal D-Type Flip-Flops, 3-State Positive- Edge Triggered
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC374 Datasheet(HTML) 1 Page - Texas Instruments

  CD74AC374 Datasheet HTML 1Page - Texas Instruments CD74AC374 Datasheet HTML 2Page - Texas Instruments CD74AC374 Datasheet HTML 3Page - Texas Instruments CD74AC374 Datasheet HTML 4Page - Texas Instruments CD74AC374 Datasheet HTML 5Page - Texas Instruments CD74AC374 Datasheet HTML 6Page - Texas Instruments CD74AC374 Datasheet HTML 7Page - Texas Instruments CD74AC374 Datasheet HTML 8Page - Texas Instruments CD74AC374 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CDx4AC374, CDx4ACT374, CD74AC534 Octal D-Type Flip-Flops, 3-State Positive-
Edge Triggered
1 Features
• SCR-Latch-up-resistant CMOS process and circuit
design
• Speed of bipolar FAST*/AS/S with significantly
reduced power consumption
• Balanced propagation delays
• AC types feature 1.5V to 5.5V operation and
balanced noise immunity at 30% of the supply
• ± 24mA output drive current
– Fanout to 15 FAST* ICs
– Drives 50ohm transmission lines
*
2 Description
The eight flip-flops of the ’AC374 devices are D-type
edge-triggered flip-flops. On the positive transition of
the clock (CLK) input, the Q outputs are set to the
logic levels set up at the data (D) inputs.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
CDx4AC/ACT374,
CD74AC534
DW (SOIC, 20)
12.80mm × 10.3mm
12.80mm × 7.50mm
N (PDIP, 20)
24.33mm × 9.4mm
24.33mm × 6.35mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Logic Diagram (Positive Logic)
* FAST is a Registered Trademark of Fairchild Semiconductor Corp.
CD74AC374, CD54AC374, CD54ACT374, CD74ACT374, CD74AC534
SCHS290A – DECEMBER 1998 – REVISED MARCH 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD74AC374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC374 TI-CD74AC374 Datasheet
466Kb / 13P
OCTAL D-TYPE FLIP-FLOPS, 3-STATE POSITIVE-EDGE TRIGGERED
CD74AC374 TI-CD74AC374 Datasheet
520Kb / 16P
Octal D-Type Flip-Flops, 3-State Positive-Edge Triggered
CD74AC374E TI-CD74AC374E Datasheet
466Kb / 13P
OCTAL D-TYPE FLIP-FLOPS, 3-STATE POSITIVE-EDGE TRIGGERED
CD74AC374E TI-CD74AC374E Datasheet
520Kb / 16P
Octal D-Type Flip-Flops, 3-State Positive-Edge Triggered
CD74AC374EE4 TI-CD74AC374EE4 Datasheet
466Kb / 13P
OCTAL D-TYPE FLIP-FLOPS, 3-STATE POSITIVE-EDGE TRIGGERED
More results

Similar Description - CD74AC374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54-74AC374 TI-CD54-74AC374 Datasheet
466Kb / 13P
OCTAL D-TYPE FLIP-FLOPS, 3-STATE POSITIVE-EDGE TRIGGERED
CD54-74AC564 TI-CD54-74AC564 Datasheet
246Kb / 8P
OCTAL D-TYPE FLIP-FLOPS, 3-STATE POSITIVE-EDGE-TRIGGERED
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ABT574 TI-SN74ABT574_02 Datasheet
332Kb / 17P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
CD54AC374 TI-CD54AC374_07 Datasheet
520Kb / 16P
Octal D-Type Flip-Flops, 3-State Positive-Edge Triggered
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com