Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4046AM Datasheet(PDF) 18 Page - Texas Instruments

Part # CD74HC4046AM
Description  High-Speed CMOS Logic Phase-Locked Loop with VCO
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC4046AM Datasheet(HTML) 18 Page - Texas Instruments

Back Button CD74HC4046AM Datasheet HTML 14Page - Texas Instruments CD74HC4046AM Datasheet HTML 15Page - Texas Instruments CD74HC4046AM Datasheet HTML 16Page - Texas Instruments CD74HC4046AM Datasheet HTML 17Page - Texas Instruments CD74HC4046AM Datasheet HTML 18Page - Texas Instruments CD74HC4046AM Datasheet HTML 19Page - Texas Instruments CD74HC4046AM Datasheet HTML 20Page - Texas Instruments CD74HC4046AM Datasheet HTML 21Page - Texas Instruments CD74HC4046AM Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
18
FIGURE 39. HCT4046A DEMODULATOR POWER DISSIPATION
vs RS (TYP) (VCC = 3V, 4.5V, 6V)
FIGURE 40. HC4046A VCO POWER DISSIPATION vs R1
(C1 = 50pF, 1
µF)
FIGURE 41. HCT4046A VCO POWER DISSIPATION vs R2
(C1 = 50pF, 1
µF)
FIGURE 42. HCT4046A VCO POWER DISSIPATION vs R1
(C1 = 50pF, 1
µF)
FIGURE 43. HC4046A VCO POWER DISSIPATION vs R2 (C1 = 50pF, 1
µF)
Typical Performance Curves (Continued)
VCOIN = 0.5 VCC
1K
10K
100K
1M
RS (OHMS)
104
103
102
10
1
VCC = 3V
VCC = 4.5V
VCC = 6V
R1 = R2 = OPEN
VCOIN = 0.5VCC
1K
10K
100K
1M
R1 (OHMS)
106
105
104
103
102
R2 = RS = OPEN
CL = 50pF
VCC = 6V
C1 = 50pF
VCC = 3V
C1 = 1
µF
VCC = 6V
C1 = 1
µF
VCC = 3V
C1 = 50pF
VCC = 4.5V
C1 = 1
µF
VCC = 4.5V
C1 = 50pF
VCOIN = 0V (AT fMIN)
1K
10K
100K
1M
R2 (OHMS)
106
105
104
103
102
R1 = RS = OPEN
CL = 50pF
VCC = 6V
C1 = 50pF
VCC = 4.5V
C1 = 1
µF
VCC = 4.5V
C1 = 50pF
VCC = 6V
C1 = 1
µF
VCOIN = 0.5V
1K
10K
100K
1M
R1 (OHMS)
106
105
104
103
102
R2 = RS = OPEN
VCC = 5.5V
C1 = 50pF
VCC = 5.5V
C1 = 1
µF
VCC = 4.5V
C1 = 50pF
VCC = 4.5V
C1 = 1
µF
VCOIN = 0V (AT fMIN)
1K
10K
100K
1M
R2 (OHMS)
106
105
104
103
102
R1 = RS = OPEN
CL = 50pF
VCC = 6V
C1 = 50pF
VCC = 3V
C1 = 1
µF
VCC = 4.5V
C1 = 1
µF
VCC = 4.5V
C1 = 50pF
VCC = 6V
C1 = 1
µF
VCC = 3V
C1 = 50pF
CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com