Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC151F3A Datasheet(PDF) 6 Page - Texas Instruments

Part # CD54HC151F3A
Description  CDx4HC151, CDx4HCT151 High-Speed CMOS Logic 8-Input Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC151F3A Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC151F3A Datasheet HTML 2Page - Texas Instruments CD54HC151F3A Datasheet HTML 3Page - Texas Instruments CD54HC151F3A Datasheet HTML 4Page - Texas Instruments CD54HC151F3A Datasheet HTML 5Page - Texas Instruments CD54HC151F3A Datasheet HTML 6Page - Texas Instruments CD54HC151F3A Datasheet HTML 7Page - Texas Instruments CD54HC151F3A Datasheet HTML 8Page - Texas Instruments CD54HC151F3A Datasheet HTML 9Page - Texas Instruments CD54HC151F3A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
5.5 Switching Characteristics
Input tt = 6ns. Unless otherwise specified, CL = 50pF. (See Parameter Measurement Information)
PARAMETER
VCC (V)
25
℃
-40
℃ to 85℃
-55
℃ to 125℃
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
tpd
Any Data Input to Y
2
170
215
255
ns
4.5
14(3)
34
43
51
6
29
37
43
Any Data Input to W
2
185
230
280
ns
4.5
15(3)
37
46
56
6
31
39
48
Any Select to Y
2
185
230
280
ns
4.5
15(3)
37
46
56
6
31
39
48
Any Select to W
2
205
255
310
ns
4.5
17(3)
41
51
62
6
35
43
53
Enable to Y
2
140
175
210
ns
4.5
11(3)
28
35
42
6
24
30
36
Enable to W
2
145
180
220
ns
4.5
12(3)
29
36
44
6
25
31
38
tt
Output Transition Time
2
75
95
110
ns
4.5
15
19
22
6
13
16
19
CIN
Input Capacitance
10
10
10
pF
CPD
Power Dissipation
Capacitance(1) (2)
5
59
pF
HCT TYPES
tpd
Any Data Input to Y
4.5
16(3)
38
48
57
ns
Any Data Input to W
4.5
15(3)
36
45
54
ns
Any Select to Y
4.5
17 (3)
41
51
62
ns
Any Select to W
4.5
18(3)
43
54
65
ns
Enable to Y
4.5
12(3)
29
36
44
ns
CL = 50 pF
Enable to W
4.5
15(3)
36
46
54
ns
tt
Output Transition Time
4.5
15
19
22
ns
CIN
Input Capacitance
10
10
10
pF
CPD
Power Dissipation
Capacitance(1) (2)
5
58
pF
(1)
CPD is used to determine the dynamic power consumption, per gate.
(2)
PD = VCC 2fi (CPD + CL) where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
(3)
CL = 15 pF and VCC = 5 V
CD54HC151, CD74HC151, CD54HCT151, CD74HCT151
SCHS150D – SEPTEMBER 1998 – REVISED NOVEMBER 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: CD54HC151 CD74HC151 CD54HCT151 CD74HCT151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com