Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH1R02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH1R02
Description  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R02 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH1R02 Datasheet HTML 1Page - STMicroelectronics STTH1R02 Datasheet HTML 2Page - STMicroelectronics STTH1R02 Datasheet HTML 3Page - STMicroelectronics STTH1R02 Datasheet HTML 4Page - STMicroelectronics STTH1R02 Datasheet HTML 5Page - STMicroelectronics STTH1R02 Datasheet HTML 6Page - STMicroelectronics STTH1R02 Datasheet HTML 7Page - STMicroelectronics STTH1R02 Datasheet HTML 8Page - STMicroelectronics STTH1R02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
March 2007
Rev 3
1/10
STTH1R02
Ultrafast recovery diode
Main product characteristics
Features and benefits
Very low conduction losses
Negligible switching losses
Low forward and reverse recovery times
High junction temperature
Description
The STTH1R02 uses ST's new 200 V planar Pt
doping technology, and it is specially suited for
switching mode base drive and transistor circuits.
Packaged in DO-41, DO-15, SMA, and SMB, this
device is intended for use in low voltage, high
frequency inverters, free wheeling and polarity
protection.
Order codes
IF(AV)
1.5 A
VRRM
200 V
Tj (max)
175° C
VF (typ)
0.7 V
trr (typ)
15 ns
Part Number
Marking
STTH1R02
STTH1R02
STTH1R02RL
STTH1R02
STTH1R02A
R1A
STTH1R02Q
STTH1R02Q
STTH1R02QRL
STTH1R02Q
STTH1R02U
1R2S
K
A
K
K
A
A
SMA
STTH1R02A
SMB
STTH1R02U
K
K
A
A
DO-41
STTH1R02
DO-15
STTH1R02Q
www.st.com


Similar Part No. - STTH1R02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1R02 STMICROELECTRONICS-STTH1R02 Datasheet
130Kb / 8P
Ultrafast recovery diode
03-May-2006
STTH1R02-Y STMICROELECTRONICS-STTH1R02-Y Datasheet
314Kb / 8P
Automotive ultrafast rectifier
February 2017 Rev 1
STTH1R02A STMICROELECTRONICS-STTH1R02A Datasheet
130Kb / 8P
Ultrafast recovery diode
03-May-2006
STTH1R02RL STMICROELECTRONICS-STTH1R02RL Datasheet
130Kb / 8P
Ultrafast recovery diode
03-May-2006
STTH1R02ZF STMICROELECTRONICS-STTH1R02ZF Datasheet
311Kb / 8P
Ultrafast rectifier
06-Feb-2017
More results

Similar Description - STTH1R02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
Ultrafast recovery diode
11-Mar-2007
logo
Sanken electric
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
Ultrafast Recovery Diode
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
Ultrafast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com