Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YA982S6R Datasheet(PDF) 6 Page - Fuji Electric

Part # YA982S6R
Description  SILICON DIODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YA982S6R Datasheet(HTML) 6 Page - Fuji Electric

Back Button YA982S6R Datasheet HTML 2Page - Fuji Electric YA982S6R Datasheet HTML 3Page - Fuji Electric YA982S6R Datasheet HTML 4Page - Fuji Electric YA982S6R Datasheet HTML 5Page - Fuji Electric YA982S6R Datasheet HTML 6Page - Fuji Electric YA982S6R Datasheet HTML 7Page - Fuji Electric YA982S6R Datasheet HTML 8Page - Fuji Electric YA982S6R Datasheet HTML 9Page - Fuji Electric YA982S6R Datasheet HTML 10Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MS5D3302
6/12
H04-004-03a
Fuji Electric Device Technology Co.,Ltd.
5.CAUTIONS
・Although Fuji Electric is continually improving product quality and reliability, a small percentage of
semiconductor products may become faulty. When using Fuji Electric semiconductor products in your
equipment, you are requested to take adequate safety measures to prevent the equipment from
causing physical injury, fire, or other problem in case any of the products fail. It is recommended to
make your design fail-safe, flame retardant, and free of malfunction.
・The products described in this specification are intended for use in the following electronic and
electrical equipment which has normal reliability requirements.
・Computers
・OA equipment ・Communications equipment (Terminal devices)
・Measurement equipment
・Machine tools
・AV equipment
・Electrical home appliances
・Personal equipment
・Industrial robots etc.
・The products described in this specification are not designed or manufactured to be used in equipment
or systems used under life-threatening situations. If you are considering using these products in the
equipment listed below, first check the system construction and required reliability, and take adequate
safety measures such as a backup system to prevent the equipment from malfunctioning.
・Transportation equipment (automobiles, trains, ships, etc.)
・Backbone network equipment
・Traffic-signal control equipment
・Gas alarms, leakage gas auto breakers
・Submarine repeater equipment
・Burglar alarms, fire alarms, emergency equipment
・Medical equipment
・Nuclear control equipment etc.
・Do not use the products in this specification for equipment requiring strict reliability such as (but not
limited to):
・Aerospace equipment
・Aeronautical equipment
6.WARNINGS
・The Diodes should be used in products within their absolute maximum rating (voltage, current,
temperature, etc. ). The diodes may be destroyed if used beyond the rating.
・The equipment containing Diodes should have adequate fuses or circuit breakers to prevent the
equipment from causing secondary destruction (ex. fire, explosion etc…).
・Use the Diodes within their reliability and lifetime under certain environments or conditions.
The Diodes may fail before the target lifetime of your products if used under certain reliability
conditions.
・You must design the Diodes to be operated within the specified maximum ratings (voltage, current,
temperature, etc. ) to prevent possible failure or destruction of devices.
・Consider the possible temperature rise not only for the junction and case, but also for the outer leads.
・Do not directly touch the leads or package of the Diodes while power is supplied or during operation, to
avoid electric shock and burns.
・The Diodes are made of incombustible material. However, if a Diode fails, it may emit smoke of flame.
Also, operating the Diodes near any flammable place or material may cause the Diodes to emit smoke
or flame in case the Diodes become even hotter during operation.
Design the arrangement to prevent the spread of fire.
・The Diodes should not used in an environment in the presence of acid, organic matter, or corrosive gas.
(hydrogen sulfide, sulfurous acid gas.)
・The Diodes should not used in an irradiated field since they are not radiation proof.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com