Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JA06A-22-22S-J1-EB-R Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JA06A-22-22S-J1-EB-R
Description  Panel-to-cable/ cable-connector, General purpose plug, JL04V compatible , EN61984 compatible and N/MS-A/B, MIL-DTL-5015 compatible, without earth terminal, waterproof(mated), solder type, 4 pos., Socket, Straight Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JA06A-22-22S-J1-EB-R Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JA06A-22-22S-J1-EB-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JA06A-22-22S-J1-EB-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JA06A-22-22S-J1-EB-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JA06A-22-22S-J1-EB-R
Features
Panel-to-cable/ cable-connector, General purpose plug, JL04V compatible , EN61984 compatible and N/MS-A/B, MIL-DTL-5015
compatible, without earth terminal, waterproof(mated), solder type, 4 pos., Socket, Straight Plug
Part Number
JA06A-22-22S-J1-EB-R
Status
Active
Number of Positions
4 pos.
Rated Current (A)
46 A
Rated Voltage (V)
  
Waterproof/ Non-waterproof
Waterproof (when mated)
Applications
Machine tools, Servomotors, Robots, Semiconductor Equipment, FA equipment,
Industrial equipment, Rolling stock, Marine vessels, Telecommunications
devices, Measurement equipment, Broadcast systems, Medical equipment,
Computers and peripherals, and other electronic/ electric equipment.
Connector Type
Plug
Connector Style
Straight
Contact Type
Socket
Wire Termination Method
Soldering
Applicable Wire Size (AWG)
  
Coupling Style
Threaded
Contact Size
#8
Product Details


Similar Part No. - JA06A-22-22S-J1-EB-R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JA06A-22-22S-J1-R JAE-JA06A-22-22S-J1-R Datasheet
63Kb / 3P
Panel-to-cable/ cable-connector, General purpose plug, JL04V compatible , EN61984 compatible and N/MS-A/B, MIL-DTL-5015 compatible, without earth terminal, waterproof(mated), solder type, 4 pos., Socket, Individual Plug
More results

Similar Description - JA06A-22-22S-J1-EB-R

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
DMS3100E10SL DDK-DMS3100E10SL Datasheet
3Mb / 33P
MIL-C-5015 Compatible Environment Resistant Type
FRC5-A010-1T0 DDK-FRC5-A010-1T0 Datasheet
196Kb / 6P
MIL-DTL-83503 Compatible
logo
OptoSupply Internationa...
AC8521020 OPTOSUPPLY-AC8521020 Datasheet
586Kb / 1P
JST compatible female socket to DC plug cable wire.
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
logo
DDK Ltd.
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
DMS3100E10SL-29SBSN-0 DDK-DMS3100E10SL-29SBSN-0 Datasheet
1Mb / 26P
MIL-DTL-5015 Compatible Environment Resistant Type
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com