Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1269 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1269
Description  Adafruit 1.2" 4-Digit 7-Segment Display w/I2C Backpack - Yellow
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1269 Datasheet(HTML) 2 Page - Adafruit Industries

  1269 Datasheet HTML 1Page - Adafruit Industries 1269 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The product kit comes with:
o
A fully tested and assembled LED backpack
o
Ultra-bright 4-digit 1.2" tall yellow seven-segment display
o
5-pin header
A bit of soldering is required to attach the matrix onto the backpack but its very easy to do and only takes
about 5 minutes.
Of course, in classic Adafruit fashion, we also have a detailed tutorial showing you how to solder, wire and
control the display. We even wrote very nice libraries for the backpacks so you can get running in under
half an hour, displaying numbers on the 7-segment for either Arduino or Raspberry Pi. If you've been
eyeing matrix displays but hesitated because of the complexity, his is the solution you've been looking for!
Technical Details
Measurements after you mount the screen:
o
50mm/2" wide
o
120mm/4.7" long
o
13mm/0.5" high
o
This board/chip uses I2C 7-bit addresses between 0x70-0x77, selectable with jumpers.
 
                                                                  Engineered in NYC Adafruit ®  



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com