Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1312 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1312
Description  Breadboard-friendly RGB Smart NeoPixel - Pack of 4
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1312 Datasheet(HTML) 2 Page - Adafruit Industries

  1312 Datasheet HTML 1Page - Adafruit Industries 1312 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Details
Dimensions: 0.4" x 0.5" x 0.1" / 10.2mm x 12.7mm x 2.5mm
0.5" (12.5mm) diameter circle PCB, 0.1" (2.5mm) total thickness
800 KHz speed protocol
Chainable design
5-9VDC power (can run at 3.5V but color will be dimmed), constant current 18.5mA per LED
(~55mA max total per pixel)
NeoPixel EagleCAD PCB files and Fritzing Library available in the NeoPixel tutorial
Engineered in NYC Adafruit ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com