Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1349 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 1349
Description  EL Wire 1xAAA Mini Inverter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1349 Datasheet(HTML) 1 Page - Adafruit Industries

  1349 Datasheet HTML 1Page - Adafruit Industries 1349 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
EL Wire 1xAAA Mini Inverter
PRODUCT ID: 1349  
 
  
 
Description
A really tiny portable inverter for EL wire. Powers off of a single AAA battery (not included!), it can 
drive up to 50cm / 20 inches of our high‐brightness EL wire or 10cm x 1cm long piece of EL tape for 3 
hours (or longer if the EL wire is less than 50cm long). There is a switch on the side for selecting 
steady/blink/off modes. Comes with a 2.5mm pitch female JST connector. Like all EL inverters we've 
used, the 2000 Hz oscillation is slightly audible. 
 
This inverter can only power 10 CENTIMETERS (2.5 INCHES) of 1cm wide tape or a 3cm x 3cm / 1.25" x 
1.25" piece of EL panel  
 


Similar Part No. - 1349

ManufacturerPart #DatasheetDescription
logo
raaco Great Britain Ltd
134910 RAACO-134910 Datasheet
8Mb / 148P
raaco Assortment Boxes
logo
Theben AG
1349200 THEBEN-1349200 Datasheet
473Kb / 2P
KNX Sensor technology
22/11/2024
logo
PHOENIX CONTACT
1349243 PHOENIX-1349243 Datasheet
455Kb / 9P
UCS 87-87-F-CCD 7035 - Universal housings
1349249 PHOENIX-1349249 Datasheet
455Kb / 9P
UCS 87-87-F-CCD 9005 - Universal housings
1349254 PHOENIX-1349254 Datasheet
456Kb / 9P
UCS 87-87-H-CCD 9005 - Universal housings
More results

Similar Description - 1349

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM2007 ETC1-ELM2007 Datasheet
110Kb / 2P
EL INVERTER
logo
Vishay Siliconix
WIEL1 VISHAY-WIEL1 Datasheet
102Kb / 3P
Inverter for EL Panel
01-Oct-02
logo
List of Unclassifed Man...
NDL-104LP ETC2-NDL-104LP Datasheet
263Kb / 1P
SELF-EXCITED INVERTER FOR ELECTORULUMINESCENT (EL) LIGHT
logo
NTE Electronics
69-ELBP-1 NTE-69-ELBP-1 Datasheet
109Kb / 1P
Battery Power Supply for EL Wire
69-ELD30 NTE-69-ELD30 Datasheet
104Kb / 1P
AC Power Supply for EL Wire
logo
SparkFun Electronics
COM-11222 SPARKFUN-COM-11222 Datasheet
103Kb / 2P
EL Inverter - Battery Pack
11/24/2015
COM-12933 SPARKFUN-COM-12933 Datasheet
97Kb / 1P
EL Inverter - 3v (Chasing)
11/24/2015
COM-12934 SPARKFUN-COM-12934 Datasheet
95Kb / 1P
EL Wire Chasing Adapter Cable
11/24/2015
COM-14697 SPARKFUN-COM-14697 Datasheet
264Kb / 2P
Bendable EL Wire Blue 3m
7-16-18
COM-14700 SPARKFUN-COM-14700 Datasheet
133Kb / 2P
Bendable EL Wire - Purple 3m
7??6??8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com