Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

081503 Datasheet(PDF) 3 Page - Sharpie

Part # 081503
Description  Catalogue 2009
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARPIE [Sharpie]
Direct Link  https://www.sharpie.com/
Logo SHARPIE - Sharpie

081503 Datasheet(HTML) 3 Page - Sharpie

  081503 Datasheet HTML 1Page - Sharpie 081503 Datasheet HTML 2Page - Sharpie 081503 Datasheet HTML 3Page - Sharpie 081503 Datasheet HTML 4Page - Sharpie  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4
RETRACTABLE
RETRACTABLE
MINI
MINI
5
TWIN TIP
TWIN TIP
ULTRA-FINE
ULTRA-FINE
350117
081465 9
S0814650
1
l
+1 Lanyard
350117
081125 2
S0811250
4
➤llll
350117
081126 9
S0811260
4
➤ llll
350117
081128 3
S0811280
5
➤ lllll
➤
+1 Lanyard
350117
081130 6
S0811300
72 ➤ l15l11l11l7
➤ l
7 l7 l7 l7
350117
081129 0
S0811290
1
➤
12 Blisters X 5
➤ lllll
➤
+1 Lanyard
350117
081084 2
S0810840
12 l
350117
081085 9
S0810850
12 l
350117
081086 6
S0810860
12 l
350117
081090 3
S0810900
1
l
350117
081091 0
S0810910
1
l
350117
081088 0
S0810880
4
➤llll
350117
081089 7
S0810890
4
➤ llll
350117
081146 7
S0811460
36 ➤ l8 l4 l4 l4
➤ l
4 l4 l4 l4
350117
081110 8
S0811100
12 l
350117
081111 5
S0811110
12 l
350117
081112 2
S0811120
12 l
350117
081114 6
S0811140
1
l
350117
081115 3
S0811150
4
➤llll
350117
081118 4
S0811180
12 l
350117
081544 1
S0815440
12 l
350117
081119 1
S0811190
12 l
350117
081120 7
S0811200
2
l
350117
083536 4
S0835360
4
llll
SHARPIE® RT permanent marker: no fuss, just
click and go.
• Unique Safety SealTM design helps prevent dry out
• Resilient tip resists abrasion
• Push button indicates ink colour
SHARPIE® MINI permanent
marker can be taken anywhere
for tasks on the go.
Convenient cap-clip easily attaches to key
chains, golf bags, backpacks and much more!
• Resilient tip resists abrasion
• Tough polypropylene barrel prevents ink evaporation
• Cap indicates ink colour
INK COLOURS
l l l l l l l l l
FINE 1.0 MM
INK COLOURS
l l l l l l l l
FINE 1.0 MM
Some products and colours may not be available in all
countries. Please contact your customer service department.
Some products and colours may not be available in all
countries. Please contact your customer service department.
BLISTER
+1 Lanyard
BAG
➤
+1 Lanyard
CANISTER
CLIP STRIP
12 Blisters X 5
➤
➤
+1 Lanyard
TUCK
BLISTER
TUB
Markers
write out loud !®
FINE
FINE
Markers
write out loud !®
SHARPIE® TWIN TIP offers 2 tips in 1 permanent
marker. It features both a fine & ultra fine tip for
a greater variety of usages.
• Tough polypropylene barrel prevents ink evaporation
• Resilient tips resist abrasion
• Cap indicates ink colour
SHARPIE® ULTRA-FINE point permanent marker
is dedicated to all precise tasks.
• Ultra Fine tip for increased control and accuracy
• Resilient tip resists abrasion
• Tough polypropylene barrel prevents ink evaporation
• Cap indicates ink colour
INK COLOURS
l l l
ULTRA FINE 0.5 MM
INK COLOURS
l l l l
FINE 1.0 MM
ULTRA FINE 0.5 MM
Some products and colours may not be available in all
countries. Please contact your customer service department.
TUCK
BLISTER
Some products and colours may not be available in all
countries. Please contact your customer service department.
TUCK
BLISTER
FINE
ULTRA-FINE
ULTRA-FINE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com