Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28060DR.B Datasheet(PDF) 21 Page - Texas Instruments

Part # UCC28060DR.B
Description  Natural Interleaving™ DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28060DR.B Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCC28060DR.B Datasheet HTML 17Page - Texas Instruments UCC28060DR.B Datasheet HTML 18Page - Texas Instruments UCC28060DR.B Datasheet HTML 19Page - Texas Instruments UCC28060DR.B Datasheet HTML 20Page - Texas Instruments UCC28060DR.B Datasheet HTML 21Page - Texas Instruments UCC28060DR.B Datasheet HTML 22Page - Texas Instruments UCC28060DR.B Datasheet HTML 23Page - Texas Instruments UCC28060DR.B Datasheet HTML 24Page - Texas Instruments UCC28060DR.B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Improved Error Amplifier
REF
VSENSE
+
-
COMP
4.95V
C
Z
R
Z
C
P
+
+
COMP
VSENSE
Soft Start
6V
5.75V
6.45V
OV
PWM
Shutdown
160mA
g
m
+
R
Q
Q
S
+
0.5V
Brownout
EN
UV
OV
(UCC28061)
UCC28060
www.ti.com .................................................................................................................................................... SLUS767E – MAY 2007 – REVISED NOVEMBER 2008
The voltage error amplifier is a transconductance amplifier. Voltage loop compensation is connected from the
error amplifier output, COMP, to analog ground, AGND. The recommended compensation network is shown in
Figure 28.
Figure 28. Typical Error Amplifier Compensation
To improve the transient response, the error amplifier output current is increased by 100
µA when the error amp
input is below 5.815 V, as shown in Figure 29. This increase allows faster charging of the compensation
components following sudden load current increases (also refer to Figure 4 in the Typical Characteristics).
Figure 29. Error Amplifier Block Diagram Showing Speed-Up and Latched Soft-Start
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): UCC28060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com