Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S15AYD2 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # S15AYD2
Description  Standard Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

S15AYD2 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  S15AYD2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited S15AYD2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Standard Recovery Diode
S15AYD2
www.iscsemi.com
1
FEATURES
· High Power Dissipation
· High Surge Current Rating
· Compliant to RoHS
APPLICATIONS
· Switching Power Supply (SPS)
· Polarity Protection
· Commercial Grade
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
50
V
IF(AV)
Average Rectified Forward Current
Tc= 100℃
15
A
IFSM
Non-repetitive Peak Surge Current
( Half Sine-wave, 50Hz, tp= 10ms)
200
A
Non-repetitive Peak Surge Current
( Half Sine-wave, 60Hz, tp= 8.3ms)
220
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-40~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.1
℃
/W
2
2
3
1


Similar Part No. - S15AYD2

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S15AYD2 DIOTEC-S15AYD2 Datasheet
133Kb / 2P
Surface Mount Silicon Rectifier Diodes ??Single Diode
S15AYD2 DIOTEC-S15AYD2 Datasheet
123Kb / 2P
Surface Mount Silicon Rectifier Diodes - Single Diode
S15AYD2 DIOTEC-S15AYD2 Datasheet
162Kb / 2P
Standard Recovery SMD Rectifier Diodes
S15AYD2 DIOTEC-S15AYD2_13 Datasheet
123Kb / 2P
Surface Mount Silicon Rectifier Diodes - Single Diode
S15AYD2 DIOTEC-S15AYD2_17 Datasheet
162Kb / 2P
Standard Recovery SMD Rectifier Diodes
More results

Similar Description - S15AYD2

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
10DDA20 NI-10DDA20_15 Datasheet
138Kb / 1P
Standard Recovery Diode
10EDA10 NI-10EDA10_15 Datasheet
141Kb / 1P
Standard Recovery Diode
10JDA10 NI-10JDA10_15 Datasheet
141Kb / 1P
Standard Recovery Diode
10JDA20 NI-10JDA20_15 Datasheet
137Kb / 1P
Standard Recovery Diode
20KDA20 NI-20KDA20_15 Datasheet
145Kb / 1P
Standard Recovery Diode
20KDA60 NI-20KDA60_15 Datasheet
145Kb / 1P
Standard Recovery Diode
30PDA10 NI-30PDA10_15 Datasheet
145Kb / 1P
Standard Recovery Diode
30PDA40 NI-30PDA40_15 Datasheet
145Kb / 1P
Standard Recovery Diode
logo
Insel Rectifier India P...
DS2012SF IRI-DS2012SF Datasheet
464Kb / 5P
STANDARD RECOVERY DIODE
DS2002SD IRI-DS2002SD Datasheet
423Kb / 5P
STANDARD RECOVERY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com