Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S09 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST1S09
Description  2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S09 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST1S09 Datasheet HTML 9Page - STMicroelectronics ST1S09 Datasheet HTML 10Page - STMicroelectronics ST1S09 Datasheet HTML 11Page - STMicroelectronics ST1S09 Datasheet HTML 12Page - STMicroelectronics ST1S09 Datasheet HTML 13Page - STMicroelectronics ST1S09 Datasheet HTML 14Page - STMicroelectronics ST1S09 Datasheet HTML 15Page - STMicroelectronics ST1S09 Datasheet HTML 16Page - STMicroelectronics ST1S09 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ST1S09
Package mechanical data
13/18
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com