Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28C45MDREP.A Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC28C45MDREP.A
Description  BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28C45MDREP.A Datasheet(HTML) 2 Page - Texas Instruments

  UCC28C45MDREP.A Datasheet HTML 1Page - Texas Instruments UCC28C45MDREP.A Datasheet HTML 2Page - Texas Instruments UCC28C45MDREP.A Datasheet HTML 3Page - Texas Instruments UCC28C45MDREP.A Datasheet HTML 4Page - Texas Instruments UCC28C45MDREP.A Datasheet HTML 5Page - Texas Instruments UCC28C45MDREP.A Datasheet HTML 6Page - Texas Instruments UCC28C45MDREP.A Datasheet HTML 7Page - Texas Instruments UCC28C45MDREP.A Datasheet HTML 8Page - Texas Instruments UCC28C45MDREP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
Note:Toggleflip-flopusedonlyinUCC28C41,UCC28C44,andUCC28C45.
UCC28C4x-EP
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
SGLS352B – DECEMBER 2006 – REVISED MAY 2007
AVAILABLE OPTIONS
SOIC-8
MAXIMUM
UVLO
TA
SMALL OUTLINE
DUTY CYCLE
ON/OFF
(D)(1)
14.5 V/9 V
UCC28C42MDREP(2)
100%
8.4 V/7.6 V
UCC28C43MDREP
7 V/6.6 V
UCC28C40MDREP(2)
–55
°C to 125°C
14.5 V/9 V
UCC28C44MDREP(2)
50%
8.4 V/7.6 V
UCC28C45MDREP
7 V/6.6 V
UCC28C41MDREP(2)
(1)
D (SOIC-8) packages are available taped and reeled. Add R suffix to device type (e.g., UCC28C42DREP) to order quantities of 2500
devices per reel. Tube quantities are 75 for D packages (SOIC-8).
(2)
Product Preview
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com