Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

081464 Datasheet(PDF) 2 Page - Sharpie

Part # 081464
Description  Catalogue 2009
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARPIE [Sharpie]
Direct Link  https://www.sharpie.com/
Logo SHARPIE - Sharpie

081464 Datasheet(HTML) 2 Page - Sharpie

  081464 Datasheet HTML 1Page - Sharpie 081464 Datasheet HTML 2Page - Sharpie 081464 Datasheet HTML 3Page - Sharpie 081464 Datasheet HTML 4Page - Sharpie  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
3
FINE
FINE
350117
081093 4
S0810930
12 l
350117
081094 1
S0810940
12 l
350117
081095 8
S0810950
12 l
350117
081096 5
S0810960
12 l
350117
081098 9
S0810980
1
l
350117
081099 6
S0810990
1
l
350117
081503 8
S0815030
2
l
350117
081100 9
S0811000
5
l
350117
081101 6
S0811010
4
➤llll
350117
081106 1
S0811060
4
➤ llll
350117
081107 8
S0811070
12 ➤llllll
➤ llllll
350117
081097 2
S0810970
4
➤llll
350117
081466 6
S0814660
8
➤llllllll
350117
081108 5
S0811080
12 ➤llllll
➤ llllll
350117
081109 2
S0811090
36 ➤l10 l3 l5
➤ l
3 l5 l5 l5
➤
Fine l6 l3 l3
l
4 l4 l4
Retractable
l
6 l3 l3
write out loud!®
News
Do you know that Sharpie® is the n°1 permanent marker
brand in the world ?
It indeed offers an infinite versatility of usages to be
discovered everyday.
Sharpie® markers mark on most surfaces : glass, metal, pho-
tos, aluminium, plastics ... With its bright, vivid colors and its
wide variety of writing tips, it allows you to mark the differ-
ence with freshness, fun and modern style.
Try it ! You will wander how you ever managed without it!
Sharpie® permanent markers, WRITE OUT LOUD!®
Exclusive
displays !
consumer
leaflet
On standing floor displays, you can find, on the sides,
usage guide in French and English.
All on-counter displays are delivered with
consumer education leaflets in appropriate language.
SHARPIE® is constantly perfecting its products in terms of quality, design and methods of production and reserves the rights to alter
the specifications of the ranges shown in this catalogue without prior notice. Some products and colours may not be available in all countries.
The colours featured in this catalogue may differ slightly from actual products due to variation in print reproduction.
write out loud !®
+
The original SHARPIE® FINE permanent
marker with its iconic grey barrel and its fun
bright colours allows you to mark anything,
anywhere, anytime.
• Resilient tip resists abrasion
• Tough polypropylene barrel prevents ink evaporation
• Cap indicates ink colour
INK COLOURS
l l l l l l l l l l l l
FINE 1.0 MM
Some products and colours may not be available in all
countries. Please contact your customer service department.
TUCK
BLISTER
WALLET
TUB
DISPLAY
350117
082857 1
S0828570
36
Fine
Retractable
Markers
write out loud !®
write out loud !®
FINE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com