Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S09PU Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST1S09PU
Description  2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S09PU Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST1S09PU Datasheet HTML 4Page - STMicroelectronics ST1S09PU Datasheet HTML 5Page - STMicroelectronics ST1S09PU Datasheet HTML 6Page - STMicroelectronics ST1S09PU Datasheet HTML 7Page - STMicroelectronics ST1S09PU Datasheet HTML 8Page - STMicroelectronics ST1S09PU Datasheet HTML 9Page - STMicroelectronics ST1S09PU Datasheet HTML 10Page - STMicroelectronics ST1S09PU Datasheet HTML 11Page - STMicroelectronics ST1S09PU Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Typical performance characteristics
ST1S09
8/18
5
Typical performance characteristics
(L = 3.3µH, CI = 4.7µF, CO = 22µF, unless otherwise specified)
Figure 3.
Voltage feedback vs temperature
Figure 4.
Feedback pin bias current vs temp.
Figure 5.
Quiescent current non switching vs
temperature
Figure 6.
Inhibit voltage vs temperature
Figure 7.
Inhibit voltage vs input voltage
Figure 8.
Output voltage vs input voltage
760
770
780
790
800
810
820
830
840
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
O@1.2V
V
I=5V, IO=10mA
760
770
780
790
800
810
820
830
840
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
O@1.2V
V
I=5V, IO=10mA
-60
40
140
240
340
440
540
640
740
840
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
I=5V
-60
40
140
240
340
440
540
640
740
840
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
I=5V
V
O@1.2V
0
0.5
1
1.5
2
2.5
3
-75
-50
-25
0
25
50
75
100
125 150
175
T [°C]
V
I=5V
V
O@1.2V
0
0.5
1
1.5
2
2.5
3
-75
-50
-25
0
25
50
75
100
125 150
175
T [°C]
V
I=5V
V
I=5V, IO=from 10mA to 2A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
ON
OFF
V
I=5V, IO=from 10mA to 2A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
ON
OFF
V
I=from 2.7 to 5.5V, IO=2A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
234
567
V
I [V]
ON
OFF
V
I=from 2.7 to 5.5V, IO=2A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
234
567
V
I [V]
ON
OFF
V
CC =VINH=from 0 to 5.5V, IO=2A
V
O@1.2V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
0
1
2
3456
V
I [V]
V
CC =VINH=from 0 to 5.5V, IO=2A
V
O@1.2V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
0
1
2
3456
V
I [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com