Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA2058 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA2058
Description  Teseo GPS Platform high-sensitivity baseband
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2058 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA2058 Datasheet HTML 10Page - STMicroelectronics STA2058 Datasheet HTML 11Page - STMicroelectronics STA2058 Datasheet HTML 12Page - STMicroelectronics STA2058 Datasheet HTML 13Page - STMicroelectronics STA2058 Datasheet HTML 14Page - STMicroelectronics STA2058 Datasheet HTML 15Page - STMicroelectronics STA2058 Datasheet HTML 16Page - STMicroelectronics STA2058 Datasheet HTML 17Page - STMicroelectronics STA2058 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Electrical characteristic
STA2058
14/20
4.5
Oscillator electrical characteristics
V33=3.3 ± 10%, TA = -40 / 85 °C unless otherwise specified.
Figure 5.
Crystal oscillator and resonator
4.6
ADC electrical characteristics
V33 = 3.3 ± 10%, AVDD = 3.3V ± 10%, TA = -40 / 85 °C unless otherwise specified.
CL
CL
RS
DEVICE
DEVICE
Table 10.
Oscillator electrical characteristics
Symbol
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
gm
Oscillator transconductance
8
μA/V
tSTUP
Oscillator start-up time
Stable VDD
2.5
s
Table 11.
ADC electrical characteristics
Symbol
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
RES
Resolution
Sinewave with
ΔV
IN
amplitude
12
bits
ΔV
IN
Input voltage range
0
2.5
V
FMod
Modulator oversampling
frequency
2.1
MHz
IBW
Input bandwidth
FMod/40
96
kHz
Nch
Number of input channels
4
n
PBR
Passband ripple
0.1
dB
SINAD
S/N and distortion
56
63
dB
THD
Total harmonic distortion
60
74
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com