Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F002AXY Datasheet(PDF) 27 Page - Texas Instruments

Part # TMS28F002AXY
Description  262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F002AXY Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS28F002AXY Datasheet HTML 23Page - Texas Instruments TMS28F002AXY Datasheet HTML 24Page - Texas Instruments TMS28F002AXY Datasheet HTML 25Page - Texas Instruments TMS28F002AXY Datasheet HTML 26Page - Texas Instruments TMS28F002AXY Datasheet HTML 27Page - Texas Instruments TMS28F002AXY Datasheet HTML 28Page - Texas Instruments TMS28F002AXY Datasheet HTML 29Page - Texas Instruments TMS28F002AXY Datasheet HTML 30Page - Texas Instruments TMS28F002AXY Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 79 page
background image
switching characteristics for TMS28F002ASy and TMS28F200ASy over recommended ranges of supply voltage
(commercial and extended temperature ranges) (see Table 9 and Figure 7)
read operations
ALT
’28F002ASy 60
’28F200ASy 60
’28F002ASy 70
’28F200ASy 70
’28F002ASy 80
’28F200ASy 80
PARAMETER
ALT.
SYMBOL
3.3-V VCC
RANGE
5-V VCC
RANGE
3.3-V VCC
RANGE
5-V VCC
RANGE
3.3-V VCC
RANGE
5-V VCC
RANGE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
ta(A)
Access time from A0 – A16
(see Note 15)
tAVQV
110
60
130
70
150
80
ns
ta(E)
Access time from E
tELQV
110
60
130
70
150
80
ns
ta(G)
Access time from G
tGLQV
65
35
80
40
90
40
ns
tc(R)
Cycle time, read
tAVAV
110
60
130
70
150
80
ns
td(E)
Delay time, E low to low-impedance
output
tELQX
0
0
0
0
0
0
ns
td(G)
Delay time, G low to low-impedance
output
tGLQX
0
0
0
0
0
0
ns
tdis(E)
Disable time, E to high-impedance
output
tEHQZ
55
25
70
30
80
30
ns
tdis(G)
Disable time, G to high-impedance
output
tGHQZ
45
25
55
30
60
30
ns
th(D)
Hold time, DQ valid from A0 – A16, E, or
G, whichever occurs first (see Note 15)
tAXQX
0
0
0
0
0
0
ns
tsu(EB)
Setup time, BYTE from E low
tELFL
tELFH
5
5
5
5
5
5
ns
td(RP)
Delay time, RP high to output
tPHQV
800
450
800
450
800
450
ns
tdis(BL)
Disable time, BYTE low to DQ8 – DQ15
in high-impedance state
tFLQZ
45
25
55
30
60
30
ns
ta(BH)
Access time from BYTE going high
tFHQV
110
60
130
70
150
80
ns
NOTE 15: A–1 – A16 for byte-wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com