Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS451 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS451
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS451 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS451 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
JUNE, 2000, VERSION 1.2
1
COPYRIGHT
©
© 1999, 2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
FS450, FS451
i-Net TV Interface
Video Processor
Features
Flexible clock, data, and electrical interfaces
allows glue-less digital interface to Intel
82810, National Geode and most other
graphic controller chips ("GCC")
Capable of operating as clock master,
pseudo-master, and slave and supports both
single and differential master clocks
Programmable 2D scaling †
Variable horizontal up and down scale
Variable vertical downscale
Output format can be tuned to the exact
dimensions of the TV
Advanced 2-D flicker filter †
Supports Multiple Progressive Input
Resolutions
640x480 to 1024x768
Multiple Output Standards
NTSC, NTSC-EIAJ, PAL-B/D/G/H/I/M/N
Composite, S-Video, RGB SCART
Composite Y-Notch and C-Bandpass
Filters
Genlock the GCC and incoming Video
Provides the pixel clock to the GCC
generated from a single 27MHz clock
Provides frame synchronization output
signal for other video components
CCIR 656 outputs
CCIR 656 input to the encoder
10-bit output D/A converters
Macrovision 7 compliant (FS451 only)
I2Ccompatible port controls
High level programming interface
100 pin PQFP package
3.3V operation
†Note: Covered under US Patent # 5,862,268 and/or
patents pending.
Note: I2C is a registered trademark of Philips Corporation.
The FS450 SIO bus is similar but not identical to Philips I
2C
bus.
Description
The i-Net TV FS450 is a fourth generation video
scan converter. It accepts many input
resolutions, rates and formats and converts them
to NTSC or PAL standards compliant with
SMPTE-170M and CCIR-656 standards. The chip
has a programmable down scaler to fit the
incoming resolution to the output display format.
The CCIR 656 ports allow external interface to
other video chips. The sync control block
generates frame reset for genlocking other video
components. Required external components are
minimal: a single 27 MHz oscillator or crystal
and passive parts.
Digital progressive RGB inputs are downscaled or
upscaled to the CCIR-656 horizontal pixel count
and converted to the 656 format. Vertical scaling
and flicker filtering are done in 656 format.
The Flicker Filter is an advanced 2 dimensional
filter that enhances text quality. Flicker Filter and
Sharpness parameters are programmable.
A digital video encoder that generates analog Y/C
and Composite Video outputs is part of the
FS450. For the composite output in NTSC, Y-
Notch and C-Bandpass filters are available. For
RGB and YUV outputs, the encoder may be
bypassed via a YUV to RGB transcoder for
SCART compatible video.
Scaling and clock parameters are automatically
programmed by the driver, so the system remains
genlocked with resolution changes. The input
parameters to the automatic scaling are TV
viewable area, PAL or NTSC, and the GCC CRT
Control Registers’ settings.
The FS451's encoder incorporates Macrovision 7
anti-copy protection technology.
All parameters can be read and written via the I
2C
compatible serial port.
Power is derived from +3.3V digital and analog
supplies. The package is 100-lead Quad Flat
Pack (PQFP).
Applications
Internet Set Top Boxes
PC video out (TV Ready PCs)
Cable/DVD Player Set Top Boxes
Web Appliances
Information Appliances
Video Kiosks


Similar Part No. - FS451

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FS4500 NXP-FS4500 Datasheet
740Kb / 20P
Safety Power System Basis Chip with CAN FD and LIN
Rev.1.0-14 December 2017
FS4500 NXP-FS4500 Datasheet
3Mb / 153P
Safety power system basis chip with CAN FD and LIN transceivers
Rev. 8 - 5 August 2024
logo
eupec GmbH
FS450R12KE3 EUPEC-FS450R12KE3 Datasheet
344Kb / 8P
EconoPACK with trench/fieldstop IGBT3 and EmCon High Efficiency diode
logo
Infineon Technologies A...
FS450R12KE3 INFINEON-FS450R12KE3 Datasheet
1Mb / 33P
Evaluation Driver Boards for EconoDUAL™3 and EconoPACK™ modules
V1.3 Feb. 2011
FS450R12KE4 INFINEON-FS450R12KE4 Datasheet
373Kb / 8P
EconoPACK B-series module with trench/fieldstop IGBT4 and optimized EmCon diode
2008-08-06 revision:2.1
More results

Similar Description - FS451

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1080 NTE-NTE1080 Datasheet
19Kb / 2P
Integrated Circuit TV Video Processor
NTE1771 NTE-NTE1771 Datasheet
23Kb / 3P
Integrated Circuit TV Video Processor
NTE1845 NTE-NTE1845 Datasheet
25Kb / 3P
Integrated Circuit TV Video Processor
logo
List of Unclassifed Man...
FX304 ETC-FX304 Datasheet
220Kb / 6P
C-NET AUDIO PROCESSOR
logo
STMicroelectronics
TEA5031D STMICROELECTRONICS-TEA5031D Datasheet
291Kb / 7P
COLOR TV VIDEO PROCESSOR
logo
List of Unclassifed Man...
CD1366CP ETC-CD1366CP Datasheet
109Kb / 5P
VIDEO IF PROCESSOR FOR B/W TV
logo
Rohm
BD7620KS2 ROHM-BD7620KS2 Datasheet
505Kb / 6P
Video-Audio Interface for LCD TV
logo
NTE Electronics
NTE731 NTE-NTE731 Datasheet
78Kb / 3P
Integrated Circuit TV Video Signal Processor
logo
M-System Co.,Ltd.
R3-GFL1 MSYSTEM-R3-GFL1 Datasheet
150Kb / 6P
Remote I/O R3 Series FL-net INTERFACE MODULE
R3-NFL1 MSYSTEM-R3-NFL1 Datasheet
260Kb / 9P
Remote I/O R3 Series FL-net INTERFACE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com